công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C8051F331 bảng dữ liệu(PDF) 45 Page - Silicon Laboratories

tên linh kiện C8051F331
Giải thích chi tiết về linh kiện  Mixed Signal ISP Flash MCU Family
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F331 bảng dữ liệu(HTML) 45 Page - Silicon Laboratories

Back Button C8051F331 Datasheet HTML 41Page - Silicon Laboratories C8051F331 Datasheet HTML 42Page - Silicon Laboratories C8051F331 Datasheet HTML 43Page - Silicon Laboratories C8051F331 Datasheet HTML 44Page - Silicon Laboratories C8051F331 Datasheet HTML 45Page - Silicon Laboratories C8051F331 Datasheet HTML 46Page - Silicon Laboratories C8051F331 Datasheet HTML 47Page - Silicon Laboratories C8051F331 Datasheet HTML 48Page - Silicon Laboratories C8051F331 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 216 page
background image
Rev. 1.5
45
C8051F330/1/2/3/4/5
Figure 5.2. Typical Temperature Sensor Transfer Function
5.3.
Modes of Operation
ADC0 has a maximum conversion speed of 200 ksps. The ADC0 conversion clock is a divided version of
the system clock, determined by the AD0SC bits in the ADC0CF register (system clock divided by (AD0SC
+ 1) for 0
≤ AD0SC ≤ 31).
0
-50
50
100
(Celsius)
0.500
0.600
0.700
0.800
0.900
(Volts)
V
TEMP = 2.86(TEMPC) + 776 mV
1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More