| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P1 bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P1 bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 164 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued) ZCZ_C BALL NUMBE R [1] ZCZ_S BALL NUMBE R [1] ZCZ_F BALL NUMBE R [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] R16 EPWM15_B EPWM15_B_CFG_REG 0x5310 0128 0x0000 05F7 EPWM15_B 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD UART5_RXD 1 I MII1_CRS 2 I MCAN7_TX 3 O GPIO74 7 IO ADC_EXTCH_XBAROUT5 9 O EPWM15_B 10 O B14 B14 B14 EQEP0_A EQEP0_A_CFG_REG 0x5310 0208 0x0000 05F7 UART4_RTSn 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI4_CLK 3 IO GPIO130 7 IO EQEP0_A 8 I SDFM1_CLK0 9 I A14 A14 A14 EQEP0_B EQEP0_B_CFG_REG 0x5310 020C 0x0000 05F7 UART4_CTSn 0 I Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD SPI4_CS0 3 IO GPIO131 7 IO EQEP0_B 8 I SDFM1_D0 9 I D11 D11 D11 EQEP0_INDEX EQEP0_INDEX_CFG_REG 0x5310 0214 0x0000 05F7 UART4_RXD 0 I Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD LIN4_RXD 1 IO SPI4_D1 3 IO GPIO133 7 IO EQEP0_INDEX 8 IO SDFM1_D1 9 I ADC_EXTCH_XBAROUT3 10 O C12 C12 C12 EQEP0_STROBE EQEP0_STROBE_CFG_REG 0x5310 0210 0x0000 05F7 UART4_TXD 0 O Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD LIN4_TXD 1 IO SPI4_D0 3 IO GPIO132 7 IO EQEP0_STROBE 8 IO SDFM1_CLK1 9 I ADC_EXTCH_XBAROUT2 10 O P2 P2 P2 EXT_REFCLK0 EXT_REFCLK0_CFG_REG 0x5310 01E4 0x0000 05F7 EXT_REFCLK0 0 I Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD XBAROUT15 5 O GPIO121 7 IO EQEP1_INDEX 9 IO AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 www.ti.com 22 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |