| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM263P1 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P1 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 164 page ![]() Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued) ZCZ_C BALL NUMBE R [1] ZCZ_S BALL NUMBE R [1] ZCZ_F BALL NUMBE R [1] BALL NAME [2]/ IOMUX REGISTER [14]/ ADDRESS [15]/ DEFAULT VALUE [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] POWER [10] HYS [11] BUFFER TYPE [12] PULL TYPE [13] H17 H17 H17 PR0_PRU0_GPIO13 PR0_PRU0_GPIO13_CFG_REG 0x5310 0194 0x0000 05F7 PR0_PRU0_GPIO13 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD RGMII2_TD2 3 O MII2_TXD2 4 O EPWM29_A 5 O GPIO101 7 IO EPWM27_B 10 O H16 H16 H16 PR0_PRU0_GPIO14 PR0_PRU0_GPIO14_CFG_REG 0x5310 0198 0x0000 05F7 PR0_PRU0_GPIO14 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD RGMII2_TD3 3 O MII2_TXD3 4 O EPWM29_B 5 O GPIO102 7 IO EPWM29_B 10 O L16 L16 L16 PR0_PRU0_GPIO15 PR0_PRU0_GPIO15_CFG_REG 0x5310 0188 0x0000 05F7 PR0_PRU0_GPIO15 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD RMII2_TX_EN 2 O RGMII2_TX_CTL 3 O MII2_TX_EN 4 O EPWM27_B 5 O GPIO98 7 IO H18 H18 H18 PR0_PRU0_GPIO16 PR0_PRU0_GPIO16_CFG_REG 0x5310 0184 0x0000 05F7 PR0_PRU0_GPIO16 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD RGMII2_TXC 3 O MII2_TXCLK 4 I EPWM27_A 5 O GPIO97 7 IO EPWM27_A 10 O F18 F18 F18 PR0_PRU1_GPIO0 PR0_PRU1_GPIO0_CFG_REG 0x5310 01B4 0x0000 05F7 PR0_PRU1_GPIO0 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD MCAN1_RX 1 I FSITX2_DATA1 3 O TRC_DATA6 4 O GPIO109 7 IO EPWM23_A 10 O G16 G16 G16 PR0_PRU1_GPIO1 PR0_PRU1_GPIO1_CFG_REG 0x5310 01B8 0x0000 05F7 PR0_PRU1_GPIO1 0 IO Off / Off / Off Off / Off / Off 7 3.3V VDDSHV0 Yes LVCMOS PU/PD MCAN1_TX 1 O FSIRX2_CLK 3 I TRC_DATA7 4 O GPIO110 7 IO AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 www.ti.com 34 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |