| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7147 bảng dữ liệu(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7147 bảng dữ liệu(HTML) 52 Page - Analog Devices |
|
52 / 68 page ![]() AD7147 Rev. 0 | Page 52 of 68 Table 35. STAGEx_CONNECTION [12:7] Register Description (x = 0 to 11) Data Bit Default Value Type Name Description [1:0] X R/W CIN7_CONNECTION_SETUP CIN7 connection setup 00 = CIN7 not connected to CDC inputs 01 = CIN7 connected to CDC negative input 10 = CIN7 connected to CDC positive input 11 = CIN7 connected to BIAS (connect unused CINx inputs) [3:2] X R/W CIN8_CONNECTION_SETUP CIN8 connection setup 00 = CIN8 not connected to CDC inputs 01 = CIN8 connected to CDC negative input 10 = CIN8 connected to CDC positive input 11 = CIN8 connected to BIAS (connect unused CINx inputs) [5:4] X R/W CIN9_CONNECTION_SETUP CIN9 connection setup 00 = CIN9 not connected to CDC inputs 01 = CIN9 connected to CDC negative input 10 = CIN9 connected to CDC positive input 11 = CIN9 connected to BIAS (connect unused CINx inputs) [7:6] X R/W CIN10_CONNECTION_SETUP CIN10 connection setup 00 = CIN10 not connected to CDC inputs 01 = CIN10 connected to CDC negative input 10 = CIN10 connected to CDC positive input 11 = CIN10 connected to BIAS (connect unused CINx inputs) [9:8] X R/W CIN11_CONNECTION_SETUP CIN11 connection setup 00 = CIN11 not connected to CDC inputs 01 = CIN11 connected to CDC negative input 10 = CIN11 connected to CDC positive input 11 = CIN11 connected to BIAS (connect unused CINx inputs) [11:10] X R/W CIN12_CONNECTION_SETUP CIN12 connection setup 00 = CIN12 not connected to CDC inputs 01 = CIN12 connected to CDC negative input 10 = CIN12 connected to CDC positive input 11 = CIN12 connected to BIAS (connect unused CINx inputs) [13:12] X R/W SE_CONNECTION_SETUP Single-ended measurement connection setup. 00 =Do not use 01 = Use when one CINx connected to CDC positive input, single-ended measurements only 10 = Use when one CINx connected to CDC negative input, single-ended measurements only 11 = Differential connection to CDC [14] X R/W NEG_AFE_OFFSET_DISABLE Negative AFE offset enable control 0 = enable 1 = disable [15] X R/W POS_AFE_OFFSET_DISABLE Positive AFE offset enable control 0 = enable 1 = disable |