công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7147 bảng dữ liệu(PDF) 49 Page - Analog Devices

tên linh kiện AD7147
Giải thích chi tiết về linh kiện  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7147 bảng dữ liệu(HTML) 49 Page - Analog Devices

Back Button AD7147 Datasheet HTML 45Page - Analog Devices AD7147 Datasheet HTML 46Page - Analog Devices AD7147 Datasheet HTML 47Page - Analog Devices AD7147 Datasheet HTML 48Page - Analog Devices AD7147 Datasheet HTML 49Page - Analog Devices AD7147 Datasheet HTML 50Page - Analog Devices AD7147 Datasheet HTML 51Page - Analog Devices AD7147 Datasheet HTML 52Page - Analog Devices AD7147 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
AD7147
Rev. 0 | Page 49 of 68
Table 30. STAGE_COMPLETE_INT_STATUS Register1
Address
Data Bit
Default
Value
Type
Name
Description
0x00A
[0]
0
R
STAGE0_COMPLETE_INT_STATUS
STAGE0 conversion complete register interrupt status
1 = indicates STAGE0 conversion completed
[1]
0
R
STAGE1_COMPLETE_INT_STATUS
STAGE1 conversion complete register interrupt status
1 = indicates STAGE1 conversion completed
[2]
0
R
STAGE2_COMPLETE_INT_STATUS
STAGE2 conversion complete register interrupt status
1 = indicates STAGE2 conversion completed
[3]
0
R
STAGE3_COMPLETE_INT_STATUS
STAGE3 conversion complete register interrupt status
1 = indicates STAGE3 conversion completed
[4]
0
R
STAGE4_COMPLETE_INT_STATUS
STAGE4 conversion complete register interrupt status
1 = indicates STAGE4 conversion completed
[5]
0
R
STAGE5_COMPLETE_INT_STATUS
STAGE5 conversion complete register interrupt status
1 = indicates STAGE5 conversion completed
[6]
0
R
STAGE6_COMPLETE_INT_STATUS
STAGE6 conversion complete register interrupt status
1 = indicates STAGE6 conversion completed
[7]
0
R
STAGE7_COMPLETE_INT_STATUS
STAGE7 conversion complete register interrupt status
1 = indicates STAGE7 conversion completed
[8]
0
R
STAGE8_COMPLETE_INT_STATUS
STAGE8 conversion complete register interrupt status
1 = indicates STAGE8 conversion completed
[9]
0
R
STAGE9_COMPLETE_INT_STATUS
STAGE9 conversion complete register interrupt status
1 = indicates STAGE9 conversion completed
[10]
0
R
STAGE10_COMPLETE_INT_STATUS
STAGE10 conversion complete register interrupt status
1 = indicates STAGE10 conversion completed
[11]
0
R
STAGE11_COMPLETE_INT_STATUS
STAGE11 conversion complete register interrupt status
1 = indicates STAGE11 conversion completed
[12]
0
R
GPIO_INT_STATUS
GPIO input pin status
1 = indicates level on GPIO pin has changed
[15:13]
Unused
Set to 0
1 Registers self-clear to 0 after readback if the limits are not exceeded.
Table 31. CDC 16-Bit Conversion Data Registers
Address
Data Bit
Default
Value
Type
Name
Description
0x00B
[15:0]
0
R
CDC_RESULT_S0
STAGE0 CDC 16-bit conversion data
0x00C
[15:0]
0
R
CDC_RESULT_S1
STAGE1 CDC 16-bit conversion data
0x00D
[15:0]
0
R
CDC_RESULT_S2
STAGE2 CDC 16-bit conversion data
0x00E
[15:0]
0
R
CDC_RESULT_S3
STAGE3 CDC 16-bit conversion data
0x00F
[15:0]
0
R
CDC_RESULT_S4
STAGE4 CDC 16-bit conversion data
0x010
[15:0]
0
R
CDC_RESULT_S5
STAGE5 CDC 16-bit conversion data
0x011
[15:0]
0
R
CDC_RESULT_S6
STAGE6 CDC 16-bit conversion data
0x012
[15:0]
0
R
CDC_RESULT_S7
STAGE7 CDC 16-bit conversion data
0x013
[15:0]
0
R
CDC_RESULT_S8
STAGE8 CDC 16-bit conversion data
0x014
[15:0]
0
R
CDC_RESULT_S9
STAGE9 CDC 16-bit conversion data
0x015
[15:0]
0
R
CDC_RESULT_S10
STAGE10 CDC 16-bit conversion data
0x016
[15:0]
0
R
CDC_RESULT_S11
STAGE11 CDC 16-bit conversion data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68