công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440GX-3RF400C bảng dữ liệu(PDF) 57 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440GX-3RF400C
Giải thích chi tiết về linh kiện  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF400C bảng dữ liệu(HTML) 57 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF400C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 61Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
57
Revision 1.15 – August 30, 2007
Data Sheet
Trace Interface
TrcBS0:2
Trace branch execution status.
I/O
3.3V LVTTL
TrcClk
Trace data capture clock, runs at 1/4 the frequency of the
processor.
O
3.3V LVTTL
TrcES0:4
Trace Execution Status is presented every fourth processor clock
cycle.
I/O
3.3V LVTTL
TrcTS0:5
(multiplexed with GPIO signals)
Additional information on trace execution and branch status.
Note:The trace signals, TrcTS0:6, are duplicated on two sets of
chip balls and are multiplexed with other signals in both
cases. This allows users to choose which set of
multiplexed signals they wish to use along with the
TrcTS0:6 signals. The trace signals in this set are primary
signals.
I/O
3.3V tolerant
2.5V CMOS
TrcTS1:5
(multiplexed with EBC signals)
Additional information on trace execution and branch status.
Note:The trace signals in this set are secondary signals.
I/O
3.3V LVTTL
TrcTS6
(multiplexed with EBC and
Ethernet signals)
Additional information on trace execution and branch status.
Note:This trace signal is the primary signal.
I/O
3.3V LVTTL
Power Pins
AGND
PLL (analog) voltage ground.
na
na
GND
Ground.
na
na
AxVDD
1.5V—Filtered voltages input for PLLs (analog circuits)
Note: A separate filter for each of the three voltages is
recommended.
na
na
OVDD
3.3V supply—I/O (except DDR SDRAM, Ethernet)
na
na
SVDD
2.5V supply—DDR SDRAM, Ethernet
na
na
VDD
1.5V supply—Logic voltage.
na
na
Signal Functional Description (Sheet 8 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com