công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC440GX-3RF400C bảng dữ liệu(PDF) 53 Page - Applied Micro Circuits Corporation

tên linh kiện PPC440GX-3RF400C
Giải thích chi tiết về linh kiện  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMCC [Applied Micro Circuits Corporation]
Trang chủ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF400C bảng dữ liệu(HTML) 53 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF400C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GX-3RF400C Datasheet HTML 57Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
53
Revision 1.15 – August 30, 2007
Data Sheet
GMCCrS,
GMC1TxClk,
RTBI1TxClk
GMII: Carrier sense
RGMII: Transmit clock
RTBI: Transmit clock
I/O
3.3V tolerant
2.5V CMOS
GMCRefClk
GMII, RGMII, TBI and RTBI: Gigabit reference clock
I
3.3V tolerant
2.5V CMOS
5
GMCRxD0:3,
GMC0RxD0:3,
TBIRxD0:3,
RTBI0RxD0:3
GMII: Receive data
RGMII: Receive data
TBI: Receive data
RTBI: Receive data
I
3.3V tolerant
2.5V CMOS
GMCRxD4:7,
GMC1RxD0:3,
TBIRxD4:7,
RTBI1RxD0:3
GMII: Receive data
RGMII: Receive data
TBI: Receive data
RTBI: Receive data
I
3.3V tolerant
2.5V CMOS
GMCRxDV,
GMC0RxCtl,
TBIRxD8,
RTBI0RxD4
GMII: Receive data valid
RGMII: Receive control
TBI: Receive data
RTBI: Receive data
I
3.3V tolerant
2.5V CMOS
GMCRxEr,
GMC1RxCtl,
TBIRxD9,
RTBI1RxD4
GMII: Receive error
RGMII: Receive control
TBI: Receive data
RTBI: Receive data
I/O
3.3V tolerant
2.5V CMOS
GMCTxEn,
GMC0TxCtl,
TBITxD8,
RTBI0TxD4
GMII: Transmit data enable
RGMII: Transmit control
TBI: Transmit data
RTBI: Transmit data
O
3.3V tolerant
2.5V CMOS
GMCTxEr,
GMC1TxCtl,
TBITxD9,
RTBI1TxD4
GMII: Transmit error
RGMII: Transmit control
TBI: Transmit data
RTBI: Transmit data
O
3.3V tolerant
2.5V CMOS
6
GMCTxClk
TBIRxClk1
GMII: 10/100Mbps Transmit clock
TBI: Receive clock 1
I/O
3.3V LVTTL
5
External Slave Peripheral Interface
DMAAck0:3
Used by the PPC440GX to indicate that data transfers have
occurred.
O
3.3V tolerant
2.5V CMOS
DMAReq0:3
Used by slave peripherals to indicate they are prepared to transfer
data.
I
3.3V tolerant
2.5V CMOS
1, 5
EOT0:3/TC0:3
End Of Transfer/Terminal Count.
I/O
3.3V tolerant
2.5V CMOS
1, 5
PerAddr00:31
Peripheral address bus used by PPC440GX when not in external
master mode, otherwise used by external master.
Note: PerAddr00 is the most significant bit (msb) on this bus.
I/O
3.3V LVTTL
1
PerWBE0:3
External peripheral data bus byte enables.
I/O
3.3V LVTTL
1, 2
PerBLast
Used by either the peripheral controller, DMA controller, or
external master to indicates the last transfer of a memory access.
I/O
3.3V LVTTL
1, 4
PerCS0:7
External peripheral device select.
O
3.3V LVTTL
2
PerData00:31
Peripheral data bus used by PPC440GX when not in external
master mode, otherwise used by external master.
Note: PerData00 is the most significant bit (msb) on this bus.
I/O
3.3V LVTTL
1
Signal Functional Description (Sheet 4 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com