| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC440GP-3RC400C bảng dữ liệu(PDF) 50 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GP-3RC400C bảng dữ liệu(HTML) 50 Page - Applied Micro Circuits Corporation |
|
50 / 83 page ![]() 440GP – Power PC 440GP Embedded Processor 50 AMCC Revision 1.07 – October 4, 2007 Data Sheet EMCTxEn, EMC0TxEn MII: Transmit data enabled RMII 0: Transmit data enabled O 5V tolerant 3.3V LVTTL EMCTxErr, EMC1TxEn MII: Transmit error: RMII: Transmit data enabled O 5V tolerant 3.3V LVTTL External Slave Peripheral Interface DMAAck0:3 Used by the PPC440GP to indicate that data transfers have occurred. O 5V tolerant 3.3V LVTTL DMAReq0:3 Used by slave peripherals to indicate they are prepared to transfer data. I 5V tolerant 3.3V LVTTL 1, 5 EOT0:3/TC0:3 End Of Transfer/Terminal Count. I/O 5V tolerant 3.3V LVTTL 1, 5 PerAddr00:31 Peripheral address bus used by PPC440GP when not in external master mode, otherwise used by external master. Note: PerAddr00 is the most significant bit (msb) on this bus. I/O 5V tolerant 3.3V LVTTL 1 PerWBE0:3 External peripheral data bus byte enables. I/O 5V tolerant 3.3V LVTTL 1, 2 PerBLast Used by either the peripheral controller, DMA controller, or external master to indicates the last transfer of a memory access. I/O 5V tolerant 3.3V LVTTL 1, 4 PerCS0:7 External peripheral device select. O 5V tolerant 3.3V LVTTL 2 PerData00:31 Peripheral data bus used by PPC440GP when not in external master mode, otherwise used by external master. Note: PerData00 is the most significant bit (msb) on this bus. I/O 5V tolerant 3.3V LVTTL 1 PerOE Used by either peripheral controller or DMA controller depending upon the type of transfer involved. When the PPC440GP is the bus master, it enables the selected device to drive the bus. O 5V tolerant 3.3V LVTTL 2 PerPar0:3 External peripheral data bus byte parity. I/O 5V tolerant 3.3V LVTTL 1 PerReady Used by a peripheral slave to indicate it is ready to transfer data. I 5V tolerant 3.3V LVTTL PerR/W Used by the PPC440GP when not in external master mode, as output by either the peripheral controller or DMA controller depending upon the type of transfer involved. High indicates a read from memory, low indicates a write to memory. Otherwise, it used by the external master as an input to indicate the direction of transfer. I/O 5V tolerant 3.3V LVTTL 1, 2 PerWE Write Enable. Low when any of the four PerWBE0:3 signals are low. O 5V tolerant 3.3V LVTTL 2 Signal Functional Description (Sheet 3 of 7) Notes: 1. Receiver input has hysteresis 2. Must pull up (recommended value is 3k Ω to 3.3V, 10kΩ to 5V) 3. Must pull down (recommended value is 1k Ω) 4. If not used, must pull up (recommended value is 3k Ω to 3.3V) 5. If not used, must pull down (recommended value is 1k Ω) 6. Strapping input during reset; pull-up or pull-down required Signal Name Description I/O Type Notes |