| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F6X2X bảng dữ liệu(PDF) 122 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6X2X bảng dữ liệu(HTML) 122 Page - Microchip Technology |
|
122 / 386 page ![]() PIC18F6X2X/8X2X DS39612A-page 120 Advance Information 2003 Microchip Technology Inc. FIGURE 10-14: RF6:RF3 AND RF0 PINS BLOCK DIAGRAM FIGURE 10-15: RF7 PIN BLOCK DIAGRAM Data Bus Q D Q CK Q D Q CK QD EN P N WR LATF WR TRISF Data Latch TRIS Latch RD TRISF RD PORTF VSS VDD I/O pin Analog Input Mode ST Input Buffer To A/D Converter or Comparator Input RD LATF or WR PORTF Note 1: I/O pins have diode protection to VDD and VSS. Data Bus WR LATF WR TRISF RD PORTF Data Latch TRIS Latch RD TRISF Schmitt Trigger Input Buffer I/O pin Q D CK Q D CK EN QD EN RD LATF or WR PORTF Note: I/O pins have diode protection to VDD and VSS. TTL Input Buffer SS Input |