công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F6X2X bảng dữ liệu(PDF) 58 Page - Microchip Technology

tên linh kiện PIC18F6X2X
Giải thích chi tiết về linh kiện  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X bảng dữ liệu(HTML) 58 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 54Page - Microchip Technology PIC18F6X2X Datasheet HTML 55Page - Microchip Technology PIC18F6X2X Datasheet HTML 56Page - Microchip Technology PIC18F6X2X Datasheet HTML 57Page - Microchip Technology PIC18F6X2X Datasheet HTML 58Page - Microchip Technology PIC18F6X2X Datasheet HTML 59Page - Microchip Technology PIC18F6X2X Datasheet HTML 60Page - Microchip Technology PIC18F6X2X Datasheet HTML 61Page - Microchip Technology PIC18F6X2X Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 56
Advance Information
 2003 Microchip Technology Inc.
PORTJ(3)
Read PORTJ pins, Write PORTJ Data Latch
xxxx xxxx
38, 129
PORTH(3)
Read PORTH pins, Write PORTH Data Latch
xxxx xxxx
38, 126
PORTG
—
—
RG5(4)
Read PORTG pins, Write PORTG Data Latch
--0x xxxx
38, 123
PORTF
Read PORTF pins, Write PORTF Data Latch
xxxx xxxx
38, 121
PORTE
Read PORTE pins, Write PORTE Data Latch
xxxx xxxx
38, 118
PORTD
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
38, 115
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
38, 112
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
38, 110
PORTA
—RA6(1)
Read PORTA pins, Write PORTA Data Latch(1)
-x0x 0000
38, 107
SPBRGH1
Enhanced USART1 Baud Rate Generator High Byte
0000 0000
38, 219
BAUDCON1
—
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
-1-1 0-00
38, 218
SPBRGH2
Enhanced USART2 Baud Rate Generator High Byte
0000 0000
38, 219
BAUDCON2
—
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
-1-0 0-00
38, 218
ECCP1DEL
P1RSEN
P1DC6
P1DC5
P1DC4
P1DC3
P1DC2
P1DC1
P1DC0
0000 0000
38, 170
TMR4
Timer4 Register
0000 0000
38, 150
PR4
Timer4 Period Register
1111 1111
38, 150
T4CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR4ON
T4CKPS1
T4CKPS0
-000 0000
38, 149
CCPR4H
Capture/Compare/PWM Register 4 High Byte
xxxx xxxx
38, 155
CCPR4L
Capture/Compare/PWM Register 4 Low Byte
xxxx xxxx
38, 155
CCP4CON
—
—
CCPxX
CCPxY
CCPxM3
CCPxM2
CCPxM1
CCPxM0
--00 0000
38, 151
CCPR5H
Capture/Compare/PWM Register 5 High Byte
xxxx xxxx
38, 155
CCPR5L
Capture/Compare/PWM Register 5 Low Byte
xxxx xxxx
38, 155
CCP5CON
—
—
CCPxX
CCPxY
CCPxM3
CCPxM2
CCPxM1
CCPxM0
--00 0000
38, 151
SPBRG2
USART2 Baud Rate Generator
0000 0000
38, 219
RCREG2
USART2 Receive Register
0000 0000
38, 226
TXREG2
USART2 Transmit Register
0000 0000
38, 224
TXSTA2
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 -010
38, 224
RCSTA2
SPEN
RX9
SREN
CREN
ADEN
FERR
OERR
RX9D
0000 000x
38, 224
ECCP3AS
ECCP3ASE ECCP3AS2 ECCP3AS1 ECCP3AS0
PSS3AC1
PSS3AC0
PSS3BD1
PSS3BD0
0000 0000
38, 171
ECCP3DEL
P3RSEN
P3DC6
P3DC5
P3DC4
P3DC3
P3DC2
P3DC1
P3DC0
0000 0000
38, 170
ECCP2AS
ECCP2ASE ECCP2AS2 ECCP2AS1 ECCP2AS0
PSS2AC1
PSS2AC0
PSS2BD1
PSS2BD0
0000 0000
38, 171
ECCP2DEL
P2RSEN
P2DC6
P2DC5
P2DC4
P2DC3
P2DC2
P2DC1
P2DC0
0000 0000
38, 170
TABLE 4-3:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other
Oscillator modes.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
These registers are unused on PIC18F6X2X devices; always maintain these clear.
4:
RG5 is available only if MCLR function is disabled in configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com