công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LRI64-A7T bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện LRI64-A7T
Giải thích chi tiết về linh kiện  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 15Page - STMicroelectronics LRI64-A7T Datasheet HTML 16Page - STMicroelectronics LRI64-A7T Datasheet HTML 17Page - STMicroelectronics LRI64-A7T Datasheet HTML 18Page - STMicroelectronics LRI64-A7T Datasheet HTML 19Page - STMicroelectronics LRI64-A7T Datasheet HTML 20Page - STMicroelectronics LRI64-A7T Datasheet HTML 21Page - STMicroelectronics LRI64-A7T Datasheet HTML 22Page - STMicroelectronics LRI64-A7T Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
LRI64
LRI64 protocol description
19/52
11
LRI64 protocol description
The Transmission protocol defines the mechanism to exchange instructions and data
between the VCD and the LRI64, in each direction. Based on “VCD talks first”, the LRI64
does not start transmitting unless it has received and properly decoded an instruction sent
by the VCD.
The protocol is based on an exchange of:
●
a Request from the VCD to the LRI64
●
a Response from the LRI64 to the VCD
Each Request and each Response are contained in a Frame. The frame delimiters (SOF,
EOF) are described in the previous paragraphs.
Each Request (Figure 16) consists of:
●
Request SOF (Figure 7)
●
Request Flags (Table 3 to Table 5)
●
Command Code
●
Parameters (depending on the Command)
●
Application Data
●
2-byte CRC (Figure 15)
●
Request EOF (Figure 8)
Each Response (Figure 17) consists of:
●
Response SOF (Figure 11)
●
Response Flags (Table 6)
●
Parameters (depending on the Command)
●
Application Data
●
2-byte CRC (Figure 15)
●
Response EOF (Figure 12)
The number of bits transmitted in a frame is a multiple of eight, and thus always an integer
number of bytes.
Single-byte fields are transmitted Least Significant Bit first.
Multiple-byte fields are transmitted Least Significant Byte first, with each byte transmitted
Least Significant Bit first.
The setting of the flags indicates the presence of any optional fields. When the flag is set, 1,
the field is present. When the flag is reset, 0, the field is absent.
Figure 16.
VCD request frame format
AI09727
Request
SOF
Request
Flags
Command
Code
Parameters
Data
2-Byte
CRC
Request
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com