| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SRIX4K bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRIX4K bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 50 page ![]() SRIX4K commands SRIX4K 34/50 9.6 RESET_TO_INVENTORY() command Command Code = 0Ch On receiving the RESET_TO_INVENTORY() command, all SRIX4K devices in SELECTED state revert to INVENTORY state. The concerned SRIX4K devices are thus resubmitted to the anticollision sequence. This command is useful when two SRIX4K devices with the same 8-bit Chip_ID happen to be in SELECTED state at the same time. Forcing them to go through the anticollision sequence again allows the reader to generates new PCALL16() commands and so, to set new random Chip_IDs. The RESET_TO_INVENTORY() command does not generate a response. All SRIX4K devices that are not in SELECTED state ignore the RESET_TO_INVENTORY() command. Figure 38. RESET_TO_INVENTORY request format Request parameter: – No parameter Figure 39. RESET_TO_INVENTORY response format Figure 40. RESET_TO_INVENTORY frame exchange between Reader and SRIX4K SOF RESET_TO_INVENTORY CRCL CRCH EOF AI07682 0Ch 8 bits 8 bits AI07680 No Response SOF 0Ch CRCL CRCH EOF AI07681 Reader SRIX4K No Response |