| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68ICS08MR bảng dữ liệu(PDF) 21 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
M68ICS08MR bảng dữ liệu(HTML) 21 Page - Motorola, Inc |
|
21 / 100 page ![]() Preparation and Installation Hardware Preparation M68ICS08MR In-Circuit Simulator User’s Manual MOTOROLA Preparation and Installation 21 2.2.2.1 MR16/32 Clock Source Selection Jumper (W1) Use jumper header W1 (Figure 2-1) to connect the MC68HC908MR16/32 clock to the target system clock. Install a jumper on pins 1 and 2 (factory default) to drive the target system clock with the MC68HC908MR16/32 clock. Install a jumper on pins 2 and 3 to isolate the MC68HC908MR16/32 clock from the target system. Figure 2-1. MR16/32 Clock Source Selection Jumper (W1) 2.2.2.2 Reset Source Selection Jumper (W2) Use jumper header W2 (Figure 2-2) to select the target system or the MCU as the source for a system reset. Install a jumpert on jumper header pins 1 and 2 (factory default) to drive the MCU RESET signal to the target system. Install a jumper on jumper header pins 2 and 3 to reset the MCU whenever the target-system initiates a reset. Figure 2-2. Reset Source Selection Jumper (W2) 1 2 3 W1 1 23 W2 |