công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68ICS08MR bảng dữ liệu(PDF) 76 Page - Motorola, Inc

tên linh kiện M68ICS08MR
Giải thích chi tiết về linh kiện  In-Circuit Simulator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08MR bảng dữ liệu(HTML) 76 Page - Motorola, Inc

Back Button M68ICS08MR Datasheet HTML 72Page - Motorola, Inc M68ICS08MR Datasheet HTML 73Page - Motorola, Inc M68ICS08MR Datasheet HTML 74Page - Motorola, Inc M68ICS08MR Datasheet HTML 75Page - Motorola, Inc M68ICS08MR Datasheet HTML 76Page - Motorola, Inc M68ICS08MR Datasheet HTML 77Page - Motorola, Inc M68ICS08MR Datasheet HTML 78Page - Motorola, Inc M68ICS08MR Datasheet HTML 79Page - Motorola, Inc M68ICS08MR Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
User’s Manual
M68ICS08MR In-Circuit Simulator
76
S-Record Information
MOTOROLA
S-Record Information
The S-record fields are described in Table A-2.
Each record may be terminated with a CR/LF/NULL. Additionally, an S-record
may have an initial field to accommodate other data such as the line number
generated by some time-sharing systems.
Accuracy of transmission is ensured by the record length (byte count) and
checksum fields.
A.3 S-Record Types
Eight types of S-records have been defined to accommodate the several needs
of the encoding, transport, and decoding functions. The various Motorola
upload, download, and other record transport control programs (as well as cross
assemblers, linkers, and other file-creating or debugging programs) utilize only
those S-records which serve the purpose of the program.
For specific information on which S-records are supported by a particular
program, consult the user manual for the program.
Table A-2. S-Record Field Contents
Field
Printable
Characters
Contents
Type
2
S-record type — S0, S1, etc.
Record
Length
2
Character pair count in the record, excluding the
type and record length
Address
4, 6, or 8
2-, 3-, or 4-byte address at which the data field is
to be loaded into memory
Code/Data
0 – 2n
From 0 to n bytes of executable code, memory
loadable data, or descriptive information. For
compatibility with teletypewriter, some programs
may limit the number of bytes to as few as 28
(56 printable characters in the S-record).
Checksum
2
Least significant byte of the one’s complement of
the sum of the values represented by the pairs of
characters making up the record length,
address, and the code/data fields



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com