công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX3241ECAI bảng dữ liệu(PDF) 12 Page - Maxim Integrated Products

tên linh kiện MAX3241ECAI
Giải thích chi tiết về linh kiện  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241ECAI bảng dữ liệu(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3241ECAI Datasheet HTML 8Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 12Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
12
______________________________________________________________________________________
For the MAX3237E, all logic and RS-232 I/O pins are
characterized for protection to ±15kV per the Human
Body Model.
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 4a shows the Human Body Model, and Figure
4b shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not specifi-
cally refer to integrated circuits. The MAX3222E/
MAX3232E/MAX3237E/MAX3241E/MAX3246E help you
design equipment that meets level 4 (the highest level)
of IEC 1000-4-2, without the need for additional ESD-
protection components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body
Model. Figure 5a shows the IEC 1000-4-2 model, and
Figure 5b shows the current waveform for the ±8kV IEC
1000-4-2 level 4 ESD Contact Discharge test. The Air-
Gap Discharge test involves approaching the device
with a charged probe. The Contact Discharge method
connects the probe to the device before the probe is
energized.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to emulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. All pins require this protection during
manufacturing, not just RS-232 inputs and outputs.
Therefore, after PC board assembly, the Machine
Model is less relevant to I/O ports.
Table 2. Required Minimum Capacitor
Values
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
123456789
10
LOAD CURRENT PER TRANSMITTER (mA)
VOUT+
VOUT-
VOUT+
VOUT-
VCC
VCC = 3.0V
Figure 6a. MAX3241E Transmitter Output Voltage vs. Load
Current Per Transmitter
Table 3. Logic-Family Compatibility with
Various Supply Voltages
VCC
(V)
C1
(µF)
C2, C3, C4
(µF)
MAX3222E/MAX3232E/MAX3241E
3.0 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33
3.0 to 5.5
0.1
0.47
MAX3237E/MAX3246E
3.0 to 3.6
0.22
0.22
3.15 to 3.6
0.1
0.1
4.5 to 5.5
0.047
0.33
3.0 to 5.5
0.22
1.0
SYSTEM
POWER-SUPPLY
VOLTAGE
(V)
VCC SUPPLY
VOLTAGE
(V)
COMPATIBILITY
3.3
3.3
Compatible with all
CMOS families
55
Compatible with all
TTL and CMOS
families
5
3.3
Compatible with ACT
and HCT CMOS, and
with AC, HC, or
CD4000 CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com