| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSL2563CS bảng dữ liệu(PDF) 25 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL2563CS bảng dữ liệu(HTML) 25 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
25 / 38 page ![]() TSL2562, TSL2563 LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER TAOS066J − MAY 2007 25 The LUMENOLOGY r Company r r Copyright E 2007, TAOS Inc. www.taosinc.com #define K4C 0x010a // 0.520 * 2^RATIO_SCALE #define B4C 0x0282 // 0.0392 * 2^LUX_SCALE #define M4C 0x03df // 0.0605 * 2^LUX_SCALE #define K5C 0x014d // 0.65 * 2^RATIO_SCALE #define B5C 0x0177 // 0.0229 * 2^LUX_SCALE #define M5C 0x01dd // 0.0291 * 2^LUX_SCALE #define K6C 0x019a // 0.80 * 2^RATIO_SCALE #define B6C 0x0101 // 0.0157 * 2^LUX_SCALE #define M6C 0x0127 // 0.0180 * 2^LUX_SCALE #define K7C 0x029a // 1.3 * 2^RATIO_SCALE #define B7C 0x0037 // 0.00338 * 2^LUX_SCALE #define M7C 0x002b // 0.00260 * 2^LUX_SCALE #define K8C 0x029a // 1.3 * 2^RATIO_SCALE #define B8C 0x0000 // 0.000 * 2^LUX_SCALE #define M8C 0x0000 // 0.000 * 2^LUX_SCALE // lux equation approximation without floating point calculations ////////////////////////////////////////////////////////////////////////////// // Routine: unsigned int CalculateLux(unsigned int ch0, unsigned int ch0, int iType) // // Description: Calculate the approximate illuminance (lux) given the raw // channel values of the TSL2562. The equation if implemented // as a piece−wise linear approximation. // // Arguments: unsigned int iGain − gain, where 0:1X, 1:16X // unsigned int tInt − integration time, where 0:13.7mS, 1:100mS, 2:402mS, // 3:Manual // unsigned int ch0 − raw channel value from channel 0 of TSL2562 // unsigned int ch1 − raw channel value from channel 1 of TSL2562 // unsigned int iType − package type (T or CS) // // Return: unsigned int − the approximate illuminance (lux) // ////////////////////////////////////////////////////////////////////////////// unsigned int CalculateLux(unsigned int iGain, unsigned int tInt, unsigned int ch0, unsigned int ch1, int iType) { //−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−− // first, scale the channel values depending on the gain and integration time // 16X, 402mS is nominal. // scale if integration time is NOT 402 msec unsigned long chScale; unsigned long channel1; unsigned long channel0; switch (tInt) { case 0: // 13.7 msec chScale = CHSCALE_TINT0; break; case 1: // 101 msec chScale = CHSCALE_TINT1; break; default: // assume no scaling chScale = (1 << CH_SCALE); |