công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90348E bảng dữ liệu(PDF) 55 Page - fujitsu semiconductor

tên linh kiện MB90348E
Giải thích chi tiết về linh kiện  16-bit Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90348E bảng dữ liệu(HTML) 55 Page - fujitsu semiconductor

Back Button MB90348E Datasheet HTML 51Page - fujitsu semiconductor MB90348E Datasheet HTML 52Page - fujitsu semiconductor MB90348E Datasheet HTML 53Page - fujitsu semiconductor MB90348E Datasheet HTML 54Page - fujitsu semiconductor MB90348E Datasheet HTML 55Page - fujitsu semiconductor MB90348E Datasheet HTML 56Page - fujitsu semiconductor MB90348E Datasheet HTML 57Page - fujitsu semiconductor MB90348E Datasheet HTML 58Page - fujitsu semiconductor MB90348E Datasheet HTML 59Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
MB90340E Series
55
(2) Reset Standby Input
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0.0 V)
* : The oscillation time of the oscillator is the time it takes for the amplitude of the oscillations to reach 90
%. For
crystal oscillators, this time is between several ms and several tens of ms, for ceramic oscillators the time is
between several hundred
µs and several ms, and for an external clock, the time is 0 ms.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Max
Reset input
time
tRSTL
RST
500
⎯
ns
Under normal operation
Oscillation time of oscillator*
+ 100 µs
⎯
ns
In Stop mode, Sub Clock
mode, Sub Sleep mode
and Watch mode
100
⎯µs
In Time Timer mode
tRSTL
0.2 VCC
0.2 VCC
100
µs
RST
X0
90% of
amplitude
Instruction execution
Oscillation stabilization
waiting time
Oscillation time
of oscillator
Internal operation
clock
Internal reset
0.2 VCC
RST
tRSTL
0.2 VCC
• Under normal operation:
• In Stop mode, Sub Clock mode, Sub Sleep mode, Watch mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com