| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F136MBSPF bảng dữ liệu(PDF) 22 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F136MBSPF bảng dữ liệu(HTML) 22 Page - fujitsu semiconductor |
|
22 / 64 page ![]() MB95130MB Series 22 The following general-purpose registers are provided: General-purpose registers: 8-bit data storage registers The general-purpose registers are 8 bits and located in the register banks on the memory. 1-bank contains 8 registers. Up to a total of 32 banks can be used on the MB95130MB series. The bank currently in use is specified by the register bank pointer (RP), and the lower 3 bits of OP code indicates the general-purpose register 0 (R0) to general-purpose register 7 (R7). R0 R1 R2 R3 R4 R5 R6 R7 R0 This address = 0100H + 8 × (RP) R1 R2 R3 R4 R5 R6 R7 R0 R1 R2 R3 R4 R5 R6 R7 Address 100H 107H 1F8H 1FFH Bank 31 Bank 0 8-bit • Register Bank Configuration 32 banks Memory area 32 banks (RAM area) The number of banks is limited by the usable RAM capacitance. |