công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB95F136MBSPF bảng dữ liệu(PDF) 47 Page - fujitsu semiconductor

tên linh kiện MB95F136MBSPF
Giải thích chi tiết về linh kiện  8-bit Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB95F136MBSPF bảng dữ liệu(HTML) 47 Page - fujitsu semiconductor

Back Button MB95F136MBSPF Datasheet HTML 43Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 44Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 45Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 46Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 47Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 48Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 49Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 50Page - fujitsu semiconductor MB95F136MBSPF Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
MB95130MB Series
47
Sampling at the falling edge of sampling clock*1 and prohibited serial clock delay*2
(ESCR register : SCES bit
= 1, ECCR register : SCDE bit = 0)
(VCC
= 5.0 V± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : Provide switch function whether sampling of reception data is performed at rising edge or falling edge of the
serial clock.
*2 : Serial clock delay function is used to delay half clock for the output signal of serial clock.
*3 : Refer to “ (2) Source Clock/Machine Clock” for tMCLK.
Parameter
Sym-
bol
Pin name
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK
Internal clock
operation output pin :
CL
= 80 pF + 1 TTL.
5 tMCLK*3
⎯
ns
SCK
↑→ SOT delay time
tSHOVI
SCK, SOT
− 95
+95
ns
Valid SIN
→ SCK↓
tIVSLI
SCK, SIN
tMCLK*3
+ 190
⎯
ns
SCK
↓→ valid SIN hold time
tSLIXI
SCK, SIN
0
⎯
ns
Serial clock “H” pulse width
tSHSL
SCK
External clock
operation output pin :
CL
= 80 pF + 1 TTL.
3 tMCLK*3
− tR
⎯
ns
Serial clock “L” pulse width
tSLSH
SCK
tMCLK*3
+ 95
⎯
ns
SCK
↑ → SOT delay time
tSHOVE
SCK, SOT
⎯
2 tMCLK*3
+ 95
ns
Valid SIN
→ SCK↓
tIVSLE
SCK, SIN
190
⎯
ns
SCK
↓→ valid SIN hold time
tSLIXE
SCK, SIN
tMCLK*3
+ 95
⎯
ns
SCK fall time
tF
SCK
⎯
10
ns
SCK rise time
tR
SCK
⎯
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64