công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DCS-7308-SFAN-R bảng dữ liệu(PDF) 27 Page - Arista Networks, Inc

tên linh kiện DCS-7308-SFAN-R
Giải thích chi tiết về linh kiện  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ARISTA [Arista Networks, Inc]
Trang chủ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308-SFAN-R bảng dữ liệu(HTML) 27 Page - Arista Networks, Inc

Back Button DCS-7308-SFAN-R Datasheet HTML 23Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 24Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 25Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 26Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 27Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 28Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 29Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 30Page - Arista Networks, Inc DCS-7308-SFAN-R Datasheet HTML 31Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Chapter
4
Powering the Modular Switch
Important: Installation of this equipment must comply with local and national electrical codes.
If necessary, consult with the appropriate regulatory agencies and inspection authorities to
ensure compliance.
Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux.
Si nécessaire, consulter les organismes de réglementation appropriés et des autorités de
contrôle pour assurer la conformité.
The switch operates with multiple power supplies. Refer to Specifications for information regarding
your specific system. Table 8: Power Supply Capacity and Requirements for 7300 Series Modular
Switches lists the quantity of modules each chassis can contain and the minimum operating
requirements for each model.
Table 8: Power Supply Capacity and Requirements for 7300 Series Modular Switches
Switch Model
Chassis Capacity
Minimum Operating
Requirements
DCS-7304 / DCS-7324 /
DCS-7304X3
Front Panel: 4 modules
1 active circuit
DCS-7308 / DCS-7328 /
DCS-7308X3
Front Panel: 6 modules
2 active circuits
DCS-7316
Front Panel: 6 modules
Rear Panel: 2 modules
3 active circuits
Front Panels displays the location of the power supplies on the front panel of the switch. Rear Panels
displays the location of power supplies on the rear panel of DCS-7316 switches.
This chapter includes sections that describe procedure for grounding and cabling AC and DC power
supplies. After completing the instructions for your switch, proceed to Connecting Supervisor Cables.
Important: Read all installation instructions before connecting the system to the power source.
Lire toutes les instructions d'installation avant de brancher le système à la source
d'alimentation.
•
Non-Redundant Configuration: Provide power to the minimum required power inputs.
•
Redundant Power Supply Configuration: Connecting power to modules in excess of minimum
requirements protects the switch against failed modules and can provide grid-level redundancy.
•
Power down the Switch: Remove all power cords from the power input sockets.
Important: This equipment must be grounded. Never defeat the ground conductor. This
unit requires over-current protection.
Cet équipement doit être mis à la terre. Ne jamais modifier le conducteur de terre. Cet
appareil nécessite de protection contre les surintensités.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66