| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DCS-7308-SFAN-R bảng dữ liệu(PDF) 18 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7308-SFAN-R bảng dữ liệu(HTML) 18 Page - Arista Networks, Inc |
|
18 / 66 page ![]() 2. Attach both center-mount brackets to the chassis with the provided M4x8 panhead Phillips screws. Secure the bracket by attaching screws through each bracket hole. 3.1.2 Inserting the Switch into the Rack 1. Rotate the stabilizer bar from the left shelf toward the right shelf such that the nob at the end of the stabilizer bar inserts into the notch at the rear of the ledge of the right shelf. Figure 3: Both Switch Shelves Installed 2. Move the chassis to the rack using a mechanical lift (Figure 4: Lifting the Switch Chassis). If modules are inserted in the chassis, use the lift carefully to avoid damaging any components. Figure 4: Lifting the Switch Chassis 3. Lift the chassis into the rack. 4. Secure the chassis by tightening the six thumbscrews on the front flanges into the rack posts. After completing the Four-Post Installation, proceed to Powering the Modular Switch . 14 |