| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TISP4160LP bảng dữ liệu(PDF) 4 Page - Power Innovations Ltd |
|
|
|||||||||||||||||||||||||||||
TISP4160LP bảng dữ liệu(HTML) 4 Page - Power Innovations Ltd |
|
4 / 7 page ![]() TISP4160LP, TISP4180LP SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS 4 APRIL 1987 - REVISED SEPTEMBER 1997 PRODUCT INFORMATION LP003 (TO-92) 3-pin cylindical plastic package This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly. MECHANICAL DATA ALL LINEAR DIMENSIONS IN MILLIMETERS 12,7 MIN. 2,03 2,67 4,44 5,21 3,43 MIN. 4,32 5,34 0,40 0,56 1,14 1,40 2,41 2,67 0,35 0,41 2,03 2,67 3,17 4,19 (see Note A) Seating Plane 1 2 3 LP003 (TO-92) LP003 Falls Within JEDEC TO-226AA Dimensions MDXXAX 1,27 NOTE A: Lead dimensions are not controlled in this area. |