công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PHDMI2FC4 bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện PHDMI2FC4
Giải thích chi tiết về linh kiện  Very low capacitance unidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHDMI2FC4 bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  PHDMI2FC4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Nexperia
PHDMI2FC4
Very low capacitance unidirectional ESD protection diode array
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
CH1
channel 1 ESD protection
2
CH2
channel 2 ESD protection
3
GND
ground
4
CH3
channel 3 ESD protection
5
CH4
channel 4 ESD protection
6
n.c.
not connected
7
n.c.
not connected
8
GND
ground
9
n.c.
not connected
10
n.c.
not connected
Transparent top view
10
6
5
1
DFN2510-10 (SOT1165-3)
CH1
CH2
CH3
CH4
GND
=
aaa-016329
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PHDMI2FC4
DFN2510-10
plastic, leadless extremely thin small outline package; 10
terminals; 0.5 mm pitch; 2.5 mm x 1 mm x 0.5 mm body
SOT1165-3
7. Application information
The device is designed for the protection of four unidirectional data or signal lines from surge
pulses and ESD damage.
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the ESD
protection during an ESD event. Do not connect unlimited DC current sources to the data lines to
avoid keeping the ESD protection device in snap-back state after exceeding breakdown voltage
(due to an ESD pulse for instance).
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge
transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. Minimize the path length between the device and the protected line.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Use ground planes whenever possible. For multilayer PCBs, use ground vias.
PHDMI2FC4_SDS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Short data sheet
27 September 2024
2 / 7



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com