công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PHDMI2FC4 bảng dữ liệu(PDF) 1 Page - Nexperia B.V. All rights reserved

tên linh kiện PHDMI2FC4
Giải thích chi tiết về linh kiện  Very low capacitance unidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PHDMI2FC4 bảng dữ liệu(HTML) 1 Page - Nexperia B.V. All rights reserved

  PHDMI2FC4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PHDMI2FC4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHDMI2FC4
Very low capacitance unidirectional ESD protection diode
array
27 September 2024
Short data sheet
1. General description
Extremely low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510-10 (SOT1165-3) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.
2. Features and benefits
• Unidirectional ESD protection for four signal lines
• VRWM = 5 V device
• Extremely low clamping voltage to protect sensitive I/Os
• IEC 61000-4-5 (surge): IPP = 7.9 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.29 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510-10 (SOT1165-3) surface mount package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• HDMI2.1 data lines
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
-
-
5
V
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; Tamb = 25 °C
-
0.29
0.34
pF


Số phần tương tự - PHDMI2FC4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
PHDMI2F4 NEXPERIA-PHDMI2F4 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
PHDMI2FR4 NEXPERIA-PHDMI2FR4 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
27 April 2018
PHDMI2FR4Z NEXPERIA-PHDMI2FR4Z Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
27 April 2018
PHDMI2FS4 NEXPERIA-PHDMI2FS4 Datasheet
172Kb / 7P
Extremely low capacitance unidirectional ESD protection diode array
27 September 2024
More results

Mô tả tương tự - PHDMI2FC4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESD5V0V1USF PHILIPS-PESD5V0V1USF_15 Datasheet
254Kb / 12P
Very low capacitance unidirectional ESD protection diode
Rev. 1-16 July 2012
logo
Nexperia B.V. All right...
PESD5V0V1USF NEXPERIA-PESD5V0V1USF Datasheet
371Kb / 13P
Very low capacitance unidirectional ESD protection diode
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
PUSB3FS4 NEXPERIA-PUSB3FS4 Datasheet
169Kb / 7P
Extremely low capacitance unidirectional ESD protection diode array
8 February 2023
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com