| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MQFP bảng dữ liệu(PDF) 3 Page - Amkor Technology |
|
|
|||||||||||||||||||||||||||||
MQFP bảng dữ liệu(HTML) 3 Page - Amkor Technology |
|
3 / 3 page ![]() With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies. © 2019 Amkor Technology, Incorporated. All Rights Reserved. DS250K-EN Rev Date: 07/19 Visit amkor.com or email sales@amkor.com for more information. MQFP Configuration Options MQFP Nominal Package Dimensions (mm) Lead Count Body Size Body Thickness Lead Form Standoff Tip-to-Tip JEDEC Tray Matrix Units Per Tray 44/52/64 10 x 10 2.00 1.60 0.15 13.2 MO-022 6 x 16 96 44/52/64 10 x 10 2.00 1.95 0.15 13.9 MS-112 6 x 16 96 52/64/80/100 14 x 14 2.67 1.60 0.15 17.2 MS-022 6 x 14 84 52/64/80/100 14 x 14 2.67 1.95 0.15 17.9 MS-112 6 x 14 84 64/80/100/128 14 x 20 2.71 1.60 0.33 17.2 x 23.2 MS-022 6 x 11 66 64/80/100/128 14 x 20 2.71 1.95 0.23 17.9 x 23.9 MS-012 6 x 11 66 120/128/144/160/208/256 28 x 28 3.37 1.30 0.13 30.6 MS-029 3 x 8 24 120/128/144/160/208/256 28 x 28 3.37 1.30 0.33 30.6 MS-029 3 x 8 24 120/128/144/160/208/256 28 x 28 3.37 1.60 0.33 31.2 MS-022 3 x 8 24 240 32 x 32 3.40 1.30 0.38 34.6 MS-029 3 x 8 24 240 32 x 32 3.40 1.30 0.32 34.6 MS-029 3 x 8 24 |