công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C8051F53X bảng dữ liệu(PDF) 44 Page - Silicon Laboratories

tên linh kiện C8051F53X
Giải thích chi tiết về linh kiện  8/4/2 kB ISP Flash MCU Family
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F53X bảng dữ liệu(HTML) 44 Page - Silicon Laboratories

Back Button C8051F53X Datasheet HTML 40Page - Silicon Laboratories C8051F53X Datasheet HTML 41Page - Silicon Laboratories C8051F53X Datasheet HTML 42Page - Silicon Laboratories C8051F53X Datasheet HTML 43Page - Silicon Laboratories C8051F53X Datasheet HTML 44Page - Silicon Laboratories C8051F53X Datasheet HTML 45Page - Silicon Laboratories C8051F53X Datasheet HTML 46Page - Silicon Laboratories C8051F53X Datasheet HTML 47Page - Silicon Laboratories C8051F53X Datasheet HTML 48Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 220 page
background image
Convert Start
Post-Tracking
AD0TM= 01
Track
Convert
Idle
Idle
Track
Convert..
Pre-Tracking
AD0TM = 10
Track
Convert
Track
Convert ...
Dual-Tracking
AD0TM = 11
Track
Convert
Track
Track
Track
Convert..
C8051F52x-53x
44
Rev. 0.3
Figure 5.3. ADC0 Tracking Modes
5.3.3. Timing
ADC0 has a maximum conversion speed specified in Table 5.1 and Table 5.2. ADC0 is clocked from the
ADC0 Subsystem Clock (FCLK). The source of FCLK is selected based on the BURSTEN bit. When
BURSTEN is logic 0, FCLK is derived from the current system clock. When BURSTEN is logic 1, FCLK is
derived from the Burst Mode Oscillator, an independent clock source with a maximum frequency of
25 MHz.
When ADC0 is performing a conversion, it requires a clock source that is typically slower than FCLK. The
ADC0 SAR conversion clock (SAR clock) is a divided version of FCLK. The divide ratio can be configured
using the AD0SC bits in the ADC0CF register. The maximum SAR clock frequency is listed in Table 5.1
and Table 5.2.
ADC0 can be in one of three states at any given time: tracking, converting, or idle. Tracking time depends
on the tracking mode selected. For Pre-Tracking Mode, tracking is managed by software and ADC0 starts
conversions immediately following the convert start signal. For Post-Tracking and Dual-Tracking Modes,
the tracking time after the convert start signal is equal to the value determined by the AD0TK bits plus 2
FCLK cycles. Tracking is immediately followed by a conversion. The ADC0 conversion time is always 13
SAR clock cycles plus an additional 2 FCLK cycles to start and complete a conversion. Figure 5.4 shows
timing diagrams for a conversion in Pre-Tracking Mode and tracking plus conversion in Post-Tracking or
Dual-Tracking Mode. In this example, repeat count is set to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com