công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F87 bảng dữ liệu(PDF) 14 Page - Microchip Technology

tên linh kiện PIC16F87
Giải thích chi tiết về linh kiện  Flash Memory Programming Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 bảng dữ liệu(HTML) 14 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 10Page - Microchip Technology PIC16F87 Datasheet HTML 11Page - Microchip Technology PIC16F87 Datasheet HTML 12Page - Microchip Technology PIC16F87 Datasheet HTML 13Page - Microchip Technology PIC16F87 Datasheet HTML 14Page - Microchip Technology PIC16F87 Datasheet HTML 15Page - Microchip Technology PIC16F87 Datasheet HTML 16Page - Microchip Technology PIC16F87 Datasheet HTML 17Page - Microchip Technology PIC16F87 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PIC16F87/88
DS39607B-page 14
 2002 Microchip Technology Inc.
4.0
CONFIGURATION WORD
The PIC16F87/88 has several configuration bits.
These bits can be written to ‘0’ or ‘1’ with the ‘Begin
Program Only’ command. A ‘Begin Erase’ command is
not required when programming configuration memory.
4.1
Device ID Word
The device ID word for the PIC16F87/88 is located at
2006h.
TABLE 4-1:
DEVICE ID VALUE
Device
Device ID Value
Dev
Rev
PIC16F87
00 0111 0010
XXXX
PIC16F88
00 0111 0110
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24