công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2132YML bảng dữ liệu(PDF) 38 Page - Microchip Technology

tên linh kiện MIC2132YML
Giải thích chi tiết về linh kiện  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML bảng dữ liệu(HTML) 38 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 34Page - Microchip Technology MIC2132YML Datasheet HTML 35Page - Microchip Technology MIC2132YML Datasheet HTML 36Page - Microchip Technology MIC2132YML Datasheet HTML 37Page - Microchip Technology MIC2132YML Datasheet HTML 38Page - Microchip Technology MIC2132YML Datasheet HTML 39Page - Microchip Technology MIC2132YML Datasheet HTML 40Page - Microchip Technology MIC2132YML Datasheet HTML 41Page - Microchip Technology MIC2132YML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
MIC2132
DS20006654B-page 38
 2022 Microchip Technology Inc. and its subsidiaries
6.0
PCB LAYOUT GUIDELINES
PCB layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths. Use star ground technique
between AGND and PGND, and minimize trace length
for high-current paths.
Follow these guidelines to ensure proper operation of
the MIC2132 two-phase buck converter.
6.1
Integrated Circuit
• The 2.2 µF ceramic capacitor, which is connected
to the VDD pin, must be located right at the IC.
The VDD pin is very noise-sensitive, so the place-
ment of the capacitor is critical. Use wide traces to
connect to the VDD, PVDD and PGND pins.
• Connect a 2.2 µF ceramic capacitor to the
EXTVDD pin, which must be located right at the IC.
• Connect the Analog Ground pin (AGND) directly
to the ground planes. Do not route the AGND pin
to the PGND pad on the top layer.
• Use thick traces and minimize trace length for the
input and output power lines.
• Keep the signal and power grounds separate, and
connected at only one location.
6.2
Input Capacitor
• Use parallel input capacitors to minimize effective
ESR and ESL of the input capacitor.
• Place input capacitors next to the high-side power
MOSFETs for each phase channel.
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Connect the VIN supply to the VIN pin through a
1.2Ω resistor and connect a 1 µF ceramic capaci-
tor from the VIN pin to the PGND pin. Keep both
the VIN pin and GND connections short.
• Place several vias to the ground plane, close to
the input capacitors’ ground terminal.
• Use either X7R or X5R dielectric input ceramic
capacitors. Do not use Y5V or Z5U-type
capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• In hot-plug applications, use an electrolytic bypass
capacitor to limit the overvoltage spike seen on the
input supply when power is suddenly applied.
6.3
Inductor
• Keep the inductor connection to the switch node
(SW1, SW2) short.
• Do not route any digital lines underneath or close
to the inductor.
• Keep the switch node (SW1, SW2) away from the
Feedback (FBS) pin.
• Connect the CSPx pin and CSNx pin directly to
the drain and source of the low-side power
MOSFET, respectively, and route the CSP and
CSN traces together for each phase channel to
accurately sense the voltage across the low-side
MOSFET to achieve accurate current sensing.
• To minimize noise, place a ground plane under
the inductor.
• The inductor can be placed on the opposite side
of the PCB with respect to the IC. There should be
sufficient vias on the power traces to conduct high
current between the inductor and the IC and out-
put load. It does not matter whether the IC or
inductor is on the top or bottom, as long as there
is enough heatsink and air flow to keep the power
components within their temperature limits. Place
the input and output capacitors on the same side
of the board as the IC.
6.4
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground terminal.
• The feedback trace should be separate from the
power trace and connected as close as possible to
the output capacitor. Sensing a long high-current
load trace can degrade the DC load regulation.
6.5
MOSFETs
• MOSFET gate drive traces must be short and
wide. The ground plane should be the connection
between the MOSFET source and PGND.
• Choose a low-side MOSFET with a high CGS/CGD
ratio and a low internal gate resistance to
minimize the effect of dV/dt inducted turn-on.
• Use a 4.5V rated VGS MOSFET. Its higher gate
threshold voltage is more immune to glitches than
a 2.5V or 3.3V rated MOSFET.
6.6
VOUT Remote Sense
• The remote sense traces must be routed close
together or on adjacent layers to minimize noise
pickup. The traces should be routed away from
the switch node, inductors, MOSFETs and other
high dV/dt or di/dt sources.
6.7
RC Snubber
• Place the RC snubber on either side of the board
and as close to the SW pin as possible.
Note:
To minimize EMI and output noise, follow
these layout recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com