công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC2132YML bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện MIC2132YML
Giải thích chi tiết về linh kiện  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 19Page - Microchip Technology MIC2132YML Datasheet HTML 20Page - Microchip Technology MIC2132YML Datasheet HTML 21Page - Microchip Technology MIC2132YML Datasheet HTML 22Page - Microchip Technology MIC2132YML Datasheet HTML 23Page - Microchip Technology MIC2132YML Datasheet HTML 24Page - Microchip Technology MIC2132YML Datasheet HTML 25Page - Microchip Technology MIC2132YML Datasheet HTML 26Page - Microchip Technology MIC2132YML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 23
MIC2132
the low-side MOSFET is turned on, as shown as
Case #2 in Figure 4-8, the current through the low-side
MOSFET is higher than the current limit after the blank-
ing time of 150 ns for seven consecutive cycles. This
causes the MIC2132 to enter the current limit protection.
As shown in Figure 4-8, the inductor valley current is
higher than the current limit threshold as the MIC2132
senses the low-side MOSFET current.
When the MIC2132 enters current limit protection, both
the high-side and low-side MOSFETs are turned off for
both phases for a hiccup time-out of 2 ms. The inductor
current flows through the body diode of the low-side
MOSFET for each phase until it falls down to zero. The
MIC2132 initiates the soft start after the hiccup
time-out, as shown in Figure 4-8.
FIGURE 4-8:
MIC2132 Current Limit
Threshold Relationship to Output Current.
When multiple MIC2132 devices are connected in
parallel to support higher load current, all ILIM pins are
connected together and one resistor is connected from
ILIM to AGND to set the current limit. Only the host
device forces the 9.6 µA current from the ILIM pin. The
secondaries do not force any current, they just read
VILIM. All phases share the same VILIM value under
stackable phase configuration.
The
MIC2132
current
limit
needs
to
be
temperature-insensitive when precise sense resistors
or RDSON of the low-side MOSFETs are used.
Since the RDSON resistance increases to about two
times, from +25°C to +125°C, an external NTC resistor
is required to program the current limit in this case. In
case regular precise sense resistors are used, no NTC
resistance is needed.
To realize a positive temperature coefficient from the
negative
temperature
coefficient
of
the
NTC
resistance, the current limit per phase was internally
generated, as shown in Equation 4-13.
EQUATION 4-13:
From Equation 4-13, one can derive the VILIM value
through Equation 4-14.
EQUATION 4-14:
To program the target VILIM voltage, Equation 4-15 is
used.
EQUATION 4-15:
EXAMPLE 4-1:
CALCULATION OF RILIM
FOR BOTTOM MOSFET
RDSON CURRENT SENSING
As shown in Example 4-1, the sizing of current limit per
phase needs to be verified over temperature in order to
make sure Equation 4-13 and Equation 4-14 work
correctly, because it is necessary to always have:
EQUATION 4-16:
For linearization and fitting the temperature coefficient
of the bottom MOSFET RDSON, a network from the ILIM
pin to AGND is used with an NTC resistor, as shown in
Figure 4-9.
Blanking ime
(≈150 ns)
Current Limit
Threshold
SW
Soft Start
equence
tarts
ere
Hiccup Time out
(≈2 ms)
Output
Voltage
Low
de
MOSFET
urrent
High
de
MOSFET
urrent
ON state
OFF
state
1
2
3
4
5
7
Short on
Output
7 onsecutive urrent mit vents
Case#1
Case#2
Where:
ILIM = Desired Current Limit per Phase
VILIM = Programmable Voltage at ILIM Pin
ILIM =
0.3V – 0.25 × VILIM
RDSON
•For ILIM = 10A per phase, RDSON = 10 mΩ at
+25°C; using Equation 4-14,
VILIM = 1.2V – 4 * 10 mΩ * 10A = 1.2V – 0.4V = 0.8V
at +25°C.
• To get 0.8V on the ILIM pin with a 9.6 µA
constant-current source, we need a
programming equivalent resistance of
RILIM = 0.8V/9.6 µA = 83.3 kΩ at +25°C.
• If the temperature increases to +125°C, then
RDSON at +125°C = 20 mΩ at the same 10A limit.
• Therefore, VILIM = 1.2V – 4 * 20 mΩ * 10A =
1.2V – 0.8V = 0.4V at +125°C. Then,
RILIM = 0.4V/9.6 µA = 41.7 kΩ at +125°C.
VILIM = 1.2V – 4 × RDSON × ILIM
Where:
ICL = 9.6 µA (typical) Constant-Current Source at
ILIM Pin
RILIM = Current Limit Threshold Voltage
Programming Resistance
VILIM = ICL × RILIM
1.2V > 4 × RDSON × ILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com