| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL432CDBVR bảng dữ liệu(PDF) 40 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL432CDBVR bảng dữ liệu(HTML) 40 Page - Texas Instruments |
|
40 / 79 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Oct-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431IPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR -40 to 85 3I Samples TL431IPK3 ACTIVE SOT-89 PK 3 1000 RoHS & Non-Green SNBI Level-1-260C-UNLIM -40 to 85 3I Samples TL431QD ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T431Q Samples TL431QDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T3QG, T3QJ, T3QU) Samples TL431QDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T3QG, T3QJ, T3QU) Samples TL431QDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3Q3, T3QG, T3QS, T3QU) Samples TL431QDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3QS Samples TL431QDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3QG, T3QS, T3QU) Samples TL431QDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3QS Samples TL431QDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T6U Samples TL431QDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T6U Samples TL431QDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T431Q Samples TL431QPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR -40 to 125 3Q Samples TL432ACDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T4BG, T4BJ, T4BU) Samples TL432ACDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM 0 to 70 (T4B3, T4BG, T4BS, T4BU) Samples TL432ACDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 T4BS Samples TL432ACDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM 0 to 70 (T4BG, T4BS, T4BU) Samples TL432ACDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 T4BS Samples TL432AIDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T4AG, T4AJ, T4AU) Samples Addendum-Page 7 |