| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL432CDBVR bảng dữ liệu(PDF) 38 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL432CDBVR bảng dữ liệu(HTML) 38 Page - Texas Instruments |
|
38 / 79 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Oct-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431BQDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3HG, T3HS, T3HU) Samples TL431BQDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3HS Samples TL431BQDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T8U Samples TL431BQDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T8U Samples TL431BQDE4 ACTIVE SOIC D 8 75 TBD Call TI Call TI -40 to 125 Samples TL431BQDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T431BQ Samples TL431BQDRG4 ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 125 Samples TL431BQLP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 125 T431BQ Samples TL431BQLPM ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 125 T431BQ Samples TL431BQLPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 125 T431BQ Samples TL431BQPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR -40 to 125 3H Samples TL431CD ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 TL431C Samples TL431CDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CJ, T3CS) Samples TL431CDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CJ, T3CS) Samples TL431CDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3C3, T3CG, T3CS, T3CU) Samples TL431CDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 T3C3 Samples TL431CDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CS, T3CU) Samples TL431CDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 T3CS Samples TL431CDG4 ACTIVE SOIC D 8 75 TBD Call TI Call TI 0 to 70 Samples TL431CDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 TL431C Samples Addendum-Page 5 |