công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 20Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 21Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 23Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 24Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 25Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 26Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
7.3.3 WDO Output
The TPS3435 device offers WDO output pin. WDO output is asserted when MR pin voltage is lower than 0.3 X
VDD or watchdog timer error is detected.
The output is asserted for tWDO time when any relevant events described above are detected, except for MR
event. The time tWDO can be programmed by connecting a capacitor between CRST pin and GND or the
device asserts tWDO for fixed time duration as selected by orderable part number. Refer Section 4 section for all
available options.
Equation 2 describes the relationship between capacitor value and the time tWDO . Make sure the capacitance
meets the recommended operating range. Capacitance outside the recommended range can lead to incorrect
operation of the device.
t WDO (sec) = 4.95 x 106 x CCRST (F)
(2)
TPS3435 also offers a unique option of latched output. An orderable with latched output holds the output in
asserted state indefinitely until the device is power cycled or the error condition is addressed. If the output is
latched due to MR pin low voltage, the output latch is released when MR pin voltage rises above 0.7 x VDD level.
If the output is latched due to watchdog timer error, the output latch is be released when a WDI negative edge is
detected or the device is shutdown and powered up again. Figure 7-13 shows timing behavior of the device with
latched output configuration.
WDO
WDI
tt
WDt
tt
WDt
VDD
VDD
MIN
tt
SDt
t
WD
tt
SDt
V
POR
t
STRT
Figure 7-13. Output Latch Timing Behavior
www.ti.com
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com