công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS3435CGLEFDDFR bảng dữ liệu(PDF) 19 Page - Texas Instruments

tên linh kiện TPS3435CGLEFDDFR
Giải thích chi tiết về linh kiện  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TPS3435CGLEFDDFR bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 15Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 16Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 17Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 18Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 19Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 20Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 21Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 22Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
VDD
WDI
Ignore
ttSDt
ttWDOt
VPOR
ttWDt
ttWDt
ttSDt
Ignore
tSTRT
WDO
VDDMIN
Figure 7-8. tSD Frame Behavior
7.3.1.4 SET Pin Behavior
The TPS3435 offers one or two SET pins based on the pinout option selected. SET pins offer flexibility to the
user to program the tWD timer on the fly to meet various application requirements. Typical use cases where SET
pin can be used are:
• Use wide timeout timer when host is in sleep mode, change to small timeout operation when host is
operational. Watchdog can be used to wake up the host after long duration to perform the application related
activities before going back to sleep.
• Change to wide timeout timer when performing system critical tasks to make sure the watchdog does not
interrupt the critical task. Change timer to application specified interval after the critical task is complete.
The tWD timer value for the device is combination of timer selection based on the CWD pin or fixed timer value
along with SET pin logic level. The base tWD timer value is decided based on the Watchdog Time selector in
the Section 4 section. The SET pin logic level is decoded during the device power up. The SET pin value can
be changed any time during the operation. SETx pin change which leads to change of watchdog timer value
or enable disable state, terminates the ongoing watchdog frame immediately. SETx pins can be updated when
WDO output is asserted as well. The updated tWD timer value is going be applied after output is deasserted and
the tSD timer is over or terminated.
For a pinout which offers only SET0 pin to the user, the tWD multiplier value is decided based on the Watchdog
Time Scaling selector in the Section 4 section. Table 7-1 showcases an example of the tWD values for different
SET0 logic levels when using Watchdog Time setting as option D = 10ms.
Table 7-1. tWD Scaling with SET0 Pin Only (Pin Configuration A, J)
WATCHDOG TIME SCALING SELECTION
tWD
SET0 = 0
SET0 = 1
A
10ms
20ms
B
10ms
40ms
C
10ms
80ms
D
10ms
160ms
E
10ms
320ms
F
10ms
640ms
G
10ms
1280ms
For pinouts which offer both SET0 & SET1 pins to the user, the tWD multiplier value is decided based on the
Watchdog Time Scaling selector in the Section 4 section. Two SETx pins offer 3 different time scaling options.
www.ti.com
TPS3435
SNVSCF7A – DECEMBER 2022 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS3435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com