công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM7367-PI bảng dữ liệu(PDF) 119 Page - PMC-Sierra, Inc

tên linh kiện PM7367-PI
Giải thích chi tiết về linh kiện  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI bảng dữ liệu(HTML) 119 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 115Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 116Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 117Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 118Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 119Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 120Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 121Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 122Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 123Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
105
TABRT2EN:
The transmit abort accumulate enable bit (TABRT2EN) enables counting of
transmit HDLC abort events. When TABRT2EN is set high, insertion of an
abort in the outgoing stream will cause the PMON Configurable Accumulator
#2 register to increment. Transmit aborts are ignored when TABRT2EN is set
low.
TP2EN:
The transmit packet enable bit (TP2EN) enables counting of transmit
error-free packets. When TP2EN is set high, transmission of an error-free
packet will cause the PMON Configurable Accumulator #2 register to
increment. Transmit error-free packets are ignored when TP2EN is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More