| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69 bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 312 page ![]() Table 5-1. Pin Attributes (ALY, AND Packages) (continued) ALY Ball Num [1] AND Ball Num [1] Ball Name [2] PADCFG Register [15] PADCFG Address [16] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Pull Type [10] Power [11] Hys [12] Voltage Buffer Type [13] IO RET [14] U4 R4 DDR0_DQ1 DDR0_DQ1 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR W6 R2 DDR0_DQ2 DDR0_DQ2 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR W5 T4 DDR0_DQ3 DDR0_DQ3 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR V4 U5 DDR0_DQ4 DDR0_DQ4 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR V7 T3 DDR0_DQ5 DDR0_DQ5 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR U5 T6 DDR0_DQ6 DDR0_DQ6 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR V6 T7 DDR0_DQ7 DDR0_DQ7 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR Y2 V4 DDR0_DQ8 DDR0_DQ8 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR W3 V7 DDR0_DQ9 DDR0_DQ9 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AA3 W3 DDR0_DQ10 DDR0_DQ10 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR W2 V5 DDR0_DQ11 DDR0_DQ11 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AA6 W6 DDR0_DQ12 DDR0_DQ12 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR Y4 U2 DDR0_DQ13 DDR0_DQ13 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR Y5 W4 DDR0_DQ14 DDR0_DQ14 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AA7 U3 DDR0_DQ15 DDR0_DQ15 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR AF2 AD5 DDR0_DQ16 DDR0_DQ16 IO 1.1 V VDDS_DDR / VDDS_DDR_ C0 DDR www.ti.com AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 19 Product Folder Links: AM69A AM69 |