| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69 bảng dữ liệu(PDF) 77 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 bảng dữ liệu(HTML) 77 Page - Texas Instruments |
|
77 / 312 page ![]() Table 5-1. Pin Attributes (ALY, AND Packages) (continued) ALY Ball Num [1] AND Ball Num [1] Ball Name [2] PADCFG Register [15] PADCFG Address [16] Signal Name [3] Mux Mode [4] Signal Type [5] I/O Voltage [6] Ball State DURING Reset (RX/TX/PULL) [7] Ball State AFTER Reset (RX/TX/PULL) [8] Mux Mode AFTER Reset [9] Pull Type [10] Power [11] Hys [12] Voltage Buffer Type [13] IO RET [14] AJ17, AJ18 AG15, AG16 VDDA_0P8_SERDES4 VDDA_0P8_SERDES4 PWR AJ12, AJ15, AK13, AK14 AF12, AG10, AG13 VDDA_0P8_SERDES0_1 VDDA_0P8_SERDES0_1 PWR AG21, AH20 VDDA_0P8_SERDES_C2 VDDA_0P8_SERDES_C2 PWR AG17, AH18 AE15, AF16 VDDA_0P8_SERDES_C4 VDDA_0P8_SERDES_C4 PWR AH12, AH13, AH15, AH16 AF10, AF13 VDDA_0P8_SERDES_C0_1 VDDA_0P8_SERDES_C0_1 PWR AH24, AH25 AF22, AF23 VDDA_1P8_DSITX VDDA_1P8_DSITX PWR AJ10 AG8 VDDA_1P8_UFS VDDA_1P8_UFS PWR AK21 AH19 VDDA_1P8_USB VDDA_1P8_USB PWR AH29, AJ29 AF27, AG27 VDDA_1P8_CSIRX2 VDDA_1P8_CSIRX2 PWR AH27, AH28 AF25, AF26 VDDA_1P8_CSIRX0_1 VDDA_1P8_CSIRX0_1 PWR AH21 VDDA_1P8_SERDES2 VDDA_1P8_SERDES2 PWR AH17 AF15 VDDA_1P8_SERDES4 VDDA_1P8_SERDES4 PWR AJ13, AJ14 AG11, AG12 VDDA_1P8_SERDES0_1 VDDA_1P8_SERDES0_1 PWR AJ23 AG21 VDDA_1P8_SERDES2_4 VDDA_1P8_SERDES2_4 PWR AJ19 AF17 VDDA_3P3_USB VDDA_3P3_USB PWR M31 J28 VDDA_ADC0 VDDA_ADC0 PWR N30 K28 VDDA_ADC1 VDDA_ADC1 PWR M28 K26 VDDA_MCU_PLLGRP0 VDDA_MCU_PLLGRP0 PWR M26 K24 VDDA_MCU_TEMP VDDA_MCU_TEMP PWR N29 L27 VDDA_OSC1 VDDA_OSC1 PWR AA27 W25 VDDA_PLLGRP0 VDDA_PLLGRP0 PWR Y28 V25 VDDA_PLLGRP1 VDDA_PLLGRP1 PWR AG13 AE11 VDDA_PLLGRP2 VDDA_PLLGRP2 PWR V14 T12 VDDA_PLLGRP5 VDDA_PLLGRP5 PWR R21 N19 VDDA_PLLGRP6 VDDA_PLLGRP6 PWR P12 M10 VDDA_PLLGRP7 VDDA_PLLGRP7 PWR P15 K13 VDDA_PLLGRP8 VDDA_PLLGRP8 PWR Y26 V24 VDDA_PLLGRP9 VDDA_PLLGRP9 PWR AG23 AD20 VDDA_PLLGRP10 VDDA_PLLGRP10 PWR www.ti.com AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 77 Product Folder Links: AM69A AM69 |