| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69 bảng dữ liệu(PDF) 129 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 bảng dữ liệu(HTML) 129 Page - Texas Instruments |
|
129 / 312 page ![]() 5.3.30 Emulation and Debug 5.3.30.1 MAIN Domain Table 5-111. JTAG Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EMU0 IO Emulation Control 0 F35 F19 EMU1 IO Emulation Control 1 H34 E17 TCK I JTAG Test Clock Input G35 F21 TDI I JTAG Test Data Input AL37 V33 TDO OZ JTAG Test Data Output AL35 W33 TMS I JTAG Test Mode Select Input AL36 V32 TRSTn I JTAG Reset G37 F17 Table 5-112. Trace Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] TRC_CLK O Trace Clock AG36, AJ32 J33, P29 TRC_CTL O Trace Control AJ33, AJ37 G33, T29 TRC_DATA0 O Trace Data 0 AF33, AJ34 T30, T31 TRC_DATA1 O Trace Data 1 AD36, AH33 L31, T32 TRC_DATA2 O Trace Data 2 AG33, AK37 E33, R33 TRC_DATA3 O Trace Data 3 AC33, AK36 G28, R30 TRC_DATA4 O Trace Data 4 AD37 P33 TRC_DATA5 O Trace Data 5 AH38 H31 TRC_DATA6 O Trace Data 6 AC37 J31 TRC_DATA7 O Trace Data 7 AJ38 F31 TRC_DATA8 O Trace Data 8 AC32 G31 TRC_DATA9 O Trace Data 9 AE37 G32 TRC_DATA10 O Trace Data 10 AK33 H33 TRC_DATA11 O Trace Data 11 AF38 N33 TRC_DATA12 O Trace Data 12 AG37 H32 TRC_DATA13 O Trace Data 13 AE36 R32 TRC_DATA14 O Trace Data 14 AF37 F32 TRC_DATA15 O Trace Data 15 AC36 K32 TRC_DATA16 O Trace Data 16 AE38 G29 TRC_DATA17 O Trace Data 17 AH37 F33 TRC_DATA18 O Trace Data 18 AK34 J32 TRC_DATA19 O Trace Data 19 AG38 H30 TRC_DATA20 O Trace Data 20 AF36 K33 TRC_DATA21 O Trace Data 21 AG34 R29 TRC_DATA22 O Trace Data 22 AJ35 R31 TRC_DATA23 O Trace Data 23 AH34 G30 TRC_DATA24 O Trace Data 24 AE33 U30 TRC_DATA25 O Trace Data 25 AL32 P32 www.ti.com AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 129 Product Folder Links: AM69A AM69 |