| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69 bảng dữ liệu(PDF) 112 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 bảng dữ liệu(HTML) 112 Page - Texas Instruments |
|
112 / 312 page ![]() Table 5-69. CPSW9X0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] SGMII5_TXP0 O SGMII Transmit (positive) AP14, AV25 AJ22 SGMII6_RXN0 I SGMII Receive (negative) AT22, AU14 AL19 SGMII6_RXP0 I SGMIi Receive (positive) AT23, AU15 AL20 SGMII6_TXN0 O SGMII Transmit (negative) AR23, AT13 AM18 SGMII6_TXP0 O SGMII Transmit (positive) AR24, AT14 AM19 SGMII7_RXN0 I SGMII Receive (negative) AR17, AU20 AK23 SGMII7_RXP0 I SGMIi Receive (positive) AR18, AU21 AK24 SGMII7_TXN0 O SGMII Transmit (negative) AR20, AT16 AN20 SGMII7_TXP0 O SGMII Transmit (positive) AR21, AT17 AN21 SGMII8_RXN0 I SGMII Receive (negative) AT19, AU17 AM21 SGMII8_RXP0 I SGMIi Receive (positive) AT20, AU18 AM22 SGMII8_TXN0 O SGMII Transmit (negative) AP19, AV18 AL22 SGMII8_TXP0 O SGMII Transmit (positive) AP20, AV19 AL23 5.3.13 ECAP 5.3.13.1 MAIN Domain Table 5-70. ECAP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] ECAP0_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput AB34, AD36 F29, L31 Table 5-71. ECAP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] ECAP1_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput AA33, AR38 AA32, F28 Table 5-72. ECAP2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] ECAP2_IN_APWM_OUT IO Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput AN37 W30 5.3.14 EQEP 5.3.14.1 MAIN Domain Table 5-73. EQEP0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EQEP0_A I EQEP Quadrature Input A AF34 U31 EQEP0_B I EQEP Quadrature Input B AE34 M33 EQEP0_I IO EQEP Index AD33 N32 EQEP0_S IO EQEP Strobe AC34 U32 Table 5-74. EQEP1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] EQEP1_A I EQEP Quadrature Input A AL33 P31 EQEP1_B I EQEP Quadrature Input B AL34 N31 EQEP1_I IO EQEP Index AK37 E33 EQEP1_S IO EQEP Strobe AD38 H29 AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 www.ti.com 112 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM69A AM69 |