| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM69 bảng dữ liệu(PDF) 104 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 bảng dữ liệu(HTML) 104 Page - Texas Instruments |
|
104 / 312 page ![]() Table 5-27. MCAN5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN5_RX I MCAN Receive Data AC35, AK38 K31, N30 MCAN5_TX O MCAN Transmit Data AE35, AK35 J30, M31 Table 5-28. MCAN6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN6_RX I MCAN Receive Data AG37, AH36 H32, L32 MCAN6_TX O MCAN Transmit Data AF37, AG35 F32, T33 Table 5-29. MCAN7 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN7_RX I MCAN Receive Data AC32, AD34 G31, M32 MCAN7_TX O MCAN Transmit Data AF35, AK33 H33, P30 Table 5-30. MCAN8 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN8_RX I MCAN Receive Data AD37, AF34 P33, U31 MCAN8_TX O MCAN Transmit Data AC37, AJ36 J31, L33 Table 5-31. MCAN9 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN9_RX I MCAN Receive Data AC36, AL33 K32, P31 MCAN9_TX O MCAN Transmit Data AE34, AE37 G32, M33 Table 5-32. MCAN10 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN10_RX I MCAN Receive Data AC34 U32 MCAN10_TX O MCAN Transmit Data AL34 N31 Table 5-33. MCAN11 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN11_RX I MCAN Receive Data AD38 H29 MCAN11_TX O MCAN Transmit Data AD33 N32 Table 5-34. MCAN12 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN12_RX I MCAN Receive Data AJ33, AK37 E33, T29 MCAN12_TX O MCAN Transmit Data AD36, AG36 L31, P29 Table 5-35. MCAN13 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN13_RX I MCAN Receive Data AH33, AN37 T32, W30 MCAN13_TX O MCAN Transmit Data AF33, AR38 AA32, T31 Table 5-36. MCAN14 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] MCAN14_RX I MCAN Receive Data AK36, AP38 R30, Y32 AM69A, AM69 SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024 www.ti.com 104 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM69A AM69 |