| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5313 bảng dữ liệu(PDF) 46 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5313 bảng dữ liệu(HTML) 46 Page - PMC-Sierra, Inc |
|
46 / 646 page ![]() PRODUCTION PMC-Sierra, Inc. PM5313 SPECTRA-622 DATASHEET PMC-1981162 ISSUE 6 SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S PROPRIETARY AND CONFIDENTIAL 14 6 BLOCK DIAGRAM DS3RICL K DS3ROCL K [12:1] DS3RDA T[12:1] Rx DS-3 System Interface Rx T elecom b us System Interface DC K DC 1J1V1[4:1 ] DPL [4:1] DD [31:0] DD P[4:1] DF P DPA IS and TPA IS DM ODE[1:0] Rx Pa th O/H Processo r (RPOP) Microprocessor I/F JT AG T est Access Port Path Trace Buffer (SPT B) Rx Telecom Aligner (RTAL ) D S3 M apper DROP Side (D 3MD) DROP Bus PRB S Generator/ M onitor (DPGM ) Receive Path Processing Slice (RPPS) #n, n= {1..12} Serial Control Port Rx Ring Control Port (R RC P) AC1J1V1[4:1]/AFP[4:1] Add Bus System Interface ACK APL[4:1] AD[31:0] ADP[4:1] Tx Path O/H Processor (TPOP) Tx T elecom Aligner (TT AL) Tx Pointer Interpreter (T PIP) A DD Bus PR BS Generator/ Monitor (A PGM ) D S3 M apper A DD Side (D3M A) Tx DS-3 System Interface DS3TIC LK [12:1] DS3TD AT [12:1] T ransmit Path Processing Slice (TPPS) #n, n={1..12} OOF Tx Line I/F Rx L ine I/F Tx Sectio n O/H Processor (T SOP) Rx Sectio n O/H Processor (RSOP) Section Trace Buffer (SST B) Tx Line O/H Processo r (TL OP) Rx Line O/H Processo r (RL OP) Tx Rin g Control Port Clock and Data Recovery (CRSI) Clock Synthesis (CSPI) TXD+/- TDREF0, TDREF1 TDC K TC 1J1V 1/TF PO TPL PEC LV RXD+/- REFC LK +/- RRCL K+/- SD C0, C1 PIC L K PIN[7:0] FPIN WAN Synchroniz ation Controller (W ANS) TD [7:0] Receive APS, Synchronization Extractor and Bit Error M onitor (RASE) TDP TFPI Tx Transport Overhead Controller (T T OC) Rx T ransport Overhead Controller (RTOC) ATP[1:0] PEC L REF PRE F EN (BID X) (RX_D EMUX) (T X_REM UX) DR OP_ T SI ADD _T SI RPOHC T RL TPOHC TRL PM ON DROP DL L TX DLL |