| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5313 bảng dữ liệu(PDF) 40 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5313 bảng dữ liệu(HTML) 40 Page - PMC-Sierra, Inc |
|
40 / 646 page ![]() PRODUCTION PMC-Sierra, Inc. PM5313 SPECTRA-622 DATASHEET PMC-1981162 ISSUE 6 SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S PROPRIETARY AND CONFIDENTIAL 8 4 DEFINITIONS The following table defines the abbreviations for the SPECTRA-622. APGM ADD Bus PRBS Generator/Monitor CRSI CRU and SIPO CRU Clock Recovery Unit CSPI CSU and PISO CSU Clock Synthesis Unit DPGM DROP Bus PRBS Generator/Monitor D3MA DS3 Mapper ADD Side D3MD DS3 Mapper DROP Side PISO Parallel to Serial Converter PRBS Pseudo Random Bit/Byte Sequence RASE Receive APS, Synchronization Extractor and Bit Error Monitor RLOP Receive Line Overhead Processor RTOC Receive Transport Overhead Controller RPOP Receive Path Overhead Processor RSOP Receive Section Overhead Processor RTAL Receive Telecom Aligner TSI Timeslot Interchange SIPO Serial to Parallel Converter SPTB SONET/SDH Path Trace Buffer SSTB SONET/SDH Section Trace Buffer TLOP Transmit Line Overhead Processor TTOC Transmit Transport Overhead Controller TPOP Transmit Path Overhead Processor TSOP Transmit Section Overhead Processor TTAL Transmit Telecom Aligner WANS Wide Area Network Synchronization Controller RPPS Receive Path Processing Slice TPPS Transmit Path Processing Slice |