công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS8420-DSZ bảng dữ liệu(PDF) 70 Page - Cirrus Logic

tên linh kiện CS8420-DSZ
Giải thích chi tiết về linh kiện  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-DSZ bảng dữ liệu(HTML) 70 Page - Cirrus Logic

Back Button CS8420-DSZ Datasheet HTML 66Page - Cirrus Logic CS8420-DSZ Datasheet HTML 67Page - Cirrus Logic CS8420-DSZ Datasheet HTML 68Page - Cirrus Logic CS8420-DSZ Datasheet HTML 69Page - Cirrus Logic CS8420-DSZ Datasheet HTML 70Page - Cirrus Logic CS8420-DSZ Datasheet HTML 71Page - Cirrus Logic CS8420-DSZ Datasheet HTML 72Page - Cirrus Logic CS8420-DSZ Datasheet HTML 73Page - Cirrus Logic CS8420-DSZ Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 94 page
background image
70
DS245F4
CS8420
OSCLK - Serial Audio Output Port Bit Clock Input or Output
Serial bit clock for audio data on the SDOUT pin.
OLRCK - Serial Audio Output Port Left/Right Clock Input or Output
Word rate clock for the audio data on the SDOUT pin. The frequency will be at the input sample rate (Fsi).
AES3/SPDIF Transmitter Interface:
TXN, TXP - Differential Line Driver Outputs
Differential line driver outputs, transmitting AES3 type data. Drivers are pulled to low while the CS8420 is in the reset
state.
TCBL - Transmit Channel Status Block Start
When operated as output, TCBL is high during the first sub-frame of a transmitted channel status block, and low at
all other times. When operated as input, driving TCBL high for at least three RMCK clocks will cause the current
transmitted sub-frame to be the start of a channel status block.
AES3/SPDIF Receiver Interface:
RXP, RXN - Differential Line Receiver Inputs
Differential line receiver inputs, carrying AES3 type data.
RMCK - Input Section Recovered Master Clock Output
Input section recovered master clock output. Will be at a frequency of 256x the input sample rate (Fsi). This is also
a start-up option pin, and requires a pull-up or pull-down resistor.
RERR - Receiver Error Indicator Output
When high, indicates a problem with the operation of the AES3 receiver. The status of this pin is updated once per
sub-frame of incoming AES3 data. Conditions that cause RERR to go high are: parity error, and bi-phase coding
error, as well as loss of lock in the PLL. This is also a start-up option pin, and requires a pull-up or pull-down resistor.
EMPH/U - Pre-emphasis Indicator Output or U-Bit Data Input
The EMPH/U pin either reflects the state of the EMPH channel status bit in the incoming AES3 type data stream, or
is the serial U-bit input for the AES3 type transmitted data, clocked by OLRCK. If indicating emphasis EMPH/U is
high when the incoming data indicates 50/15
μs pre-emphasis and low otherwise.
COPY - Copy Channel Status Bit Output
The COPY pin reflects the state of the COPY Channel Status bit in the incoming AES3 type data stream. This is
also a start-up option pin, and requires a pull-up or pull-down resistor.
ORIG - Original Channel Status Output
SCMS generation indicator. This is decoded from the incoming category code and the L bit. A low output indicates
that the audio data stream is 1st generation or higher. A high indicates that the audio data stream is original. This is
also a start-up option pin, and requires a pull-up or pull-down resistor.
PRO/C - Professional Channel Status Bit Output or C-Bit Data Input
The PRO/C pin either reflects the state of the Professional/Consumer Channel Status bit in the incoming AES3 type
data stream, or is the serial C-bit input for the AES3 type transmitted data, clocked by OLRCK.
AUDIO/V - Audio Channel Status Bit Output or V-Bit Data Input
The AUDIO/V pin either reflects the state of the audio/non audio Channel Status bit in the incoming AES3 type data
stream, or is the V-bit data input for the AES3 type transmitted data stream, clocked by OLRCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com