| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS8420-CSZ bảng dữ liệu(PDF) 29 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8420-CSZ bảng dữ liệu(HTML) 29 Page - Cirrus Logic |
|
29 / 94 page ![]() DS245F4 29 CS8420 8.2 Non-SRC Delay The unit of delay depends on the frame rate (sample rate) Fs. The AES receiver has a interface delay of two frames. The AES transmitter, the serial input port, and the serial output port each have an interface delay of 1 frame. The ± 0.5 frame delay in the second half of the equation is due to the startup uncertainty of the logic within the part. 1. All inputs are slaves and all outputs are masters, both with respect to the outside world. 2. The inputs and outputs are synchronous to one another. Path Delay (in units of a frame) RX to TX 3 ± 1/128 Serial Input to TX 2 ± 1/128 RX to Serial Output 3 ± 1/128 Serial Input to Serial Output 2 ± 1/128 Table 3. Non-SRC Delay |