| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS8420-CSZ bảng dữ liệu(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8420-CSZ bảng dữ liệu(HTML) 20 Page - Cirrus Logic |
|
20 / 94 page ![]() 20 DS245F4 CS8420 Figure 17. Serial Audio Input Example Formats MSB LSB MSB LSB MSB ILRCK ISCLK SDIN Channel A Channel B Left Justified (In) ILRCK ISCLK MSB LSB MSB LSB Channel A SDIN MSB Channel B I²S (In) ILRCK ISCLK Channel A Channel B MSB SDIN MSB LSB LSB Right Justified (In) X = don’t care to match format, but does need to be set to the desired setting + I²S can accept an arbitrary number of bits, determined by the number of ISCLK cycles * not 11 - See Serial Input Port Data Format Register Bit Descriptions for an explanation of the meaning of each bit SIMS SISF SIRES1/0 SIJUST SIDEL SISPOL SILRPOL Left-Justified X X 00 0 0 0 0 I²S X X 00+ 0 101 Right-Justified X X XX* 1 0 0 0 |