| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM3351-SW bảng dữ liệu(PDF) 40 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3351-SW bảng dữ liệu(HTML) 40 Page - PMC-Sierra, Inc |
|
40 / 268 page ![]() PM3351 ELAN 1X100 DATA SHEET PMC-970113 ISSUE 3 SINGLE PORT FAST ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 34 7. A set of pull-up and pull-down resistors that are connected to the ELAN 1x100 data bus in order to drive device configuration information on to the data bus during system reset. Note that the above subsystem description details a single ELAN 1x100 device in the system. This subsystem is expected to work in tandem with similar ELAN 1x100 or ELAN 8x10 subsystems to create an actual switch; however, the fundamental system operation does not change as additional ELAN compatible devices are added. |