công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXAS33KBBE bảng dữ liệu(PDF) 31 Page - NXP Semiconductors

tên linh kiện PXAS33KBBE
Giải thích chi tiết về linh kiện  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBBE bảng dữ liệu(HTML) 31 Page - NXP Semiconductors

Back Button PXAS33KBBE Datasheet HTML 27Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 28Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 29Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 30Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 31Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 32Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 33Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 34Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
31
D0
D1
D2
D3
D4
D5
D6
D7
D8
STOP
BIT
DATA BYTE
ONLY IN
MODE 2, 3
START
BIT
SU00598
—
—
—
—
FEn
BRn
OEn
STINTn
SnSTAT
if 0, sets FE
Figure 22. UART Framing Error Detection
SM0_n
SM1_n
SM2_n
REN_n
TB8_n
RB8_n
TI_n
RI_n
SnCON
D0
D1
D2
D3
D4
D5
D6
D7
D8
1
1
1
0
COMPARATOR
11
X
RECEIVED ADDRESS D0 TO D7
PROGRAMMED ADDRESS
IN UART MODE 2 OR MODE 3 AND SM2 = 1:
INTERRUPT IF REN=1, RB8=1 AND “RECEIVED ADDRESS” = “PROGRAMMED ADDRESS”
– WHEN OWN ADDRESS RECEIVED, CLEAR SM2 TO RECEIVE DATA BYTES
– WHEN ALL DATA BYTES HAVE BEEN RECEIVED: SET SM2 TO WAIT FOR NEXT ADDRESS.
SU00613
Figure 23. UART Multiprocessor Communication, Automatic Address Recognition
Clocking / Baud Rate Generation
Same as for the XA-G3.
I/O Port Output Configuration
Port output configurations are the same as for the XA-G3: open
drain, quasi-bidirectional, push-pull, and off.
External Bus
The external bus operates in the same manner as the XA-G3, but
all 24 address lines are brought out to the outside world. This
allows for a maximum of 16 Mbytes of code memory and 16
Mbytes of data memory.
Clock Output
The CLKOUT pin allows easier external bus interfacing in some
situations. This output reflects the X1 clock input to the XA, but is
delayed to match the external bus outputs and strobes. The default
is for CLKOUT to be on at reset, but it may be turned off via the
CLKD bit that has been added to the BCR register.
Reset
Active low reset input, the same as the XA-G3.
The associated RSTOUT pin provides an external indication via an
active low open drain output when an internal reset occurs. The
RSTOUT pin will be driven low when the RST pin is driven low,
when a Watchdog reset occurs or the RESET instruction is
executed. This signal may be used to inform other devices in a
system that the XA-S3 has been reset.
The latched values of EA and BUSW are NOT automatically
updated when an internal reset occurs. RSTOUT may be used to
apply an external reset to the XA-S3 in order to update the
previously latched EA and BUSW values. However, since RSTOUT
reflects ALL reset sources, it cannot simply be fed back into the RST
pin without other logic.
The reset source identification register (RSTSRC) indicates the cause
of the most recent XA reset. The cause may have been an externally
applied reset signal, execution of the RESET instruction, or a
Watchdog reset. Figure 24 shows the fields in the RSTSRC register.
Power Reduction Modes
The XA-S3 supports Idle and Power Down modes of power
reduction. The idle mode leaves some peripherals running in order
to allow them to activate the processor when an interrupt is
generated. The power down mode stops the oscillator in order to
absolutely minimize power. The processor can be made to exit
power down mode via a reset or one of the external interrupt inputs
(INT0 or INT1). This will occur if the interrupt is enabled and its
priority is higher than that defined by IM3 through IM0. In power
down mode, the power supply voltage may be reduced to the RAM
keep-alive voltage VRAM. This retains the RAM, register, and SFR
contents at the point where power down mode was entered. VDD
must be raised to within the operating range before power down
mode is exited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com