công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXAS33KBBE bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện PXAS33KBBE
Giải thích chi tiết về linh kiện  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBBE bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button PXAS33KBBE Datasheet HTML 18Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 19Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 20Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 21Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 22Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 23Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 24Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 25Page - NXP Semiconductors PXAS33KBBE Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
22
CMOD Address = 490H
Reset Value = 00H
CIDL
WDTE
–
–
–
CPS1
CPS0
ECF
Bit:
Symbol
Function
CIDL
Counter Idle control: CIDL = 0 programs the PCA Counter to continue functioning during idle Mode. CIDL = 1 programs
it to be gated off during idle.
WDTE
Watchdog Timer Enable: WDTE = 0 disables Watchdog Timer function on PCA Module 4. WDTE = 1 enables it.
–
Not implemented, reserved for future use.*
CPS1
PCA Count Pulse Select bit 1.
CPS0
PCA Count Pulse Select bit 0.
CPS1
CPS0
PCA Timer Count Source
0
X
TClk (Osc/4, Osc/16, or Osc/64)
1
0
Timer 0 overflow
1
1
ECI (PCA External Clock Input (max rate = Osc/4)
ECF
PCA Enable Counter Overflow interrupt: ECF = 1 enables CF bit in CCON to generate an interrupt. ECF = 0 disables
that function of CF.
NOTE:
*
User software should not write 1s to reserved bits. These bits may be used in future products to invoke new features. In that case, the reset or inactive value of the new bit will be
0, and its active value will be 1. The value read from a reserved bit is indeterminate.
** fOSC = oscillator frequency
SU01306
7
6
5
432
1
0
Figure 10. CMOD: PCA Counter Mode Register
CCON Address = 41AH
Reset Value = 00H
CF
CR
–
CCF4
CCF3
CCF2
CCF1
CCF0
Bit Addressable
Bit:
Symbol
Function
CF
PCA Counter Overflow flag. Set by hardware when the counter rolls over. CF flags an interrupt if bit ECF in CMOD is
set. CF may be set by either hardware or software but can only be cleared by software.
CR
PCA Counter Run control bit. Set by software to turn the PCA counter on. Must be cleared by software to turn the PCA
counter off.
–
Not implemented, reserved for future use*.
CCF4
PCA Module 4 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software.
CCF3
PCA Module 3 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software.
CCF2
PCA Module 2 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software.
CCF1
PCA Module 1 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software.
CCF0
PCA Module 0 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software.
Each of CCF4 through CCF0 generates its own interrupt, and has its own interrupt vector.
NOTE:
*
User software should not write 1s to reserved bits. These bits may be used in future products to invoke new features. In that case, the reset or inactive value of the new bit will be
0, and its active value will be 1. The value read from a reserved bit is indeterminate.
SU01307
76
5
4
3
210
Figure 11. CCON: PCA Counter Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com