công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC51-16PAS-Q bảng dữ liệu(PDF) 1 Page - Nexperia B.V. All rights reserved

tên linh kiện BC51-16PAS-Q
Giải thích chi tiết về linh kiện  45 V, 1 A PNP medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC51-16PAS-Q bảng dữ liệu(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC51-16PAS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BC51XPAS-Q series
45 V, 1 A PNP medium power transistors
Rev. 1 — 18 October 2024
Product data sheet
1. General description
PNP medium power transistor series encapsulated in an ultra thin DFN2020D-3 (SOT1061D)
leadless small Surface-Mounted Device (SMD) plastic package with medium power capability and
visible and solderable side pads.
2. Features and benefits
• High collector current capability IC and ICM
• Reduced Printed-Circuit Board (PCB) area requirements
• Exposed heat sink for excellent thermal and electrical conductivity
• Two current gain selections
• Leadless very small SMD plastic package with medium power capability
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• Linear voltage regulators
• Battery driven devices
• MOSFET drivers
• High-side switches
• Power management
• Amplifiers
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
-45
V
IC
collector current
-
-
-1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
-2
A
DC current gain
BC51PAS-Q
[1]
63
-
250
BC51-10PAS-Q
[1]
63
-
160
hFE
BC51-16PAS-Q
VCE = -2 V; IC = -150 mA; Tamb = 25 °C
[1]
100
-
250
[1] pulsed; tp ≤ 300 µs; δ ≤ 0.02


Số phần tương tự - BC51-16PAS-Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
BC51-16PAS NEXPERIA-BC51-16PAS Datasheet
903Kb / 15P
45 V/60 V/80 V, 1 A PNP medium power transistors
BC51-16PAS NEXPERIA-BC51-16PAS Datasheet
261Kb / 11P
45 V, 1 A PNP medium power transistors
6 December 2022
More results

Mô tả tương tự - BC51-16PAS-Q

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC636 NXP-BC636 Datasheet
144Kb / 15P
45 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
BC51PA NXP-BC51PA Datasheet
242Kb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP51 PHILIPS-BCP51_15 Datasheet
253Kb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
45 V/60 V/80 V, 1 A PNP medium power transistors
BC51XPAS_SER NEXPERIA-BC51XPAS_SER Datasheet
261Kb / 11P
45 V, 1 A PNP medium power transistors
6 December 2022
BCP51 NEXPERIA-BCP51 Datasheet
1Mb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
BCP51T_SER NEXPERIA-BCP51T_SER Datasheet
273Kb / 14P
45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com