công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC51-16PAS-Q bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved

tên linh kiện BC51-16PAS-Q
Giải thích chi tiết về linh kiện  45 V, 1 A PNP medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC51-16PAS-Q bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved

  BC51-16PAS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC51-16PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Nexperia
BC51XPAS-Q series
45 V, 1 A PNP medium power transistors
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-45
V
VCEO
collector-emitter voltage open base
-
-45
V
VEBO
emitter-base voltage
open collector
-
-5
V
IC
collector current
-
-1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-2
A
IB
base current
-
-0.3
A
[1]
-
0.42
W
[2]
-
0.81
W
[3]
-
0.83
W
[4]
-
1.1
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[5]
-
1.65
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 1 cm2.
[4] Device mounted on an FR4 PCB, single-sided copper, tin-plated and mounting pad for collector 6 cm2.
[5] Device mounted on an FR4 PCB, 4-layer copper, tin-plated and mounting pad for collector 1 cm2.
Tamb (°C)
-75
175
125
25
75
-25
006aac676
1.0
0.5
1.5
2.0
Ptot
(W)
0.0
(1)
(2)
(3)
(4)
(5)
(1) FR4 PCB, 4-layer copper, mounting pad for collector 1 cm2
(2) FR4 PCB, single-sided copper, mounting pad for collector 6 cm2
(3) FR4 PCB, single-sided copper, mounting pad for collector 1 cm2
(4) FR4 PCB, 4-layer copper, standard footprint
(5) FR4 PCB, single-sided copper, standard footprint
Fig. 1. Power derating curves
BC51XPAS-Q_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 18 October 2024
3 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com