công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRF5545ABCPZN bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADRF5545ABCPZN
Giải thích chi tiết về linh kiện  Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRF5545ABCPZN bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADRF5545ABCPZN Datasheet HTML 2Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 3Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 4Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 5Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 6Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 7Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 8Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 9Page - Analog Devices ADRF5545ABCPZN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADRF5545A
Data Sheet
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADRF5545A
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED. IT IS RECOMMENDED
TO CONNECT NIC TO THE RF GROUND OF THE PCB.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO RF OR DC GROUND.
1
GND
2
GND
3
ANT-CHA
4
GND
5
SWCTRL-CHAB
6
SWVDD-CHAB
7
GND
8
ANT-CHB
9
GND
10
GND
23 GND
24 BP-CHB
25 NIC
26 PD-CHAB
27 BP-CHA
28 GND
29 RXOUT-CHA
30 GND
22 RXOUT-CHB
21 GND
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4, 7, 9 to 11, 14 to 16, 21, 23,
28, 30, 35 to 37, 40
GND
Ground.
3
ANT-CHA
RF Input to Channel A.
5
SWCTRL-CHAB
Control Voltage for Switches on Channel A and Channel B.
6
SWVDD-CHAB
Supply Voltage for Switches on Channel A and Channel B.
8
ANT-CHB
RF Input to Channel B.
12
TERM-CHB
Termination Output for Channel B. This pin is the transmitter path for Channel B.
13, 18, 19, 25, 32, 33, 38
NIC
Not Internally Connected. It is recommended to connect NIC to the RF ground of
the PCB.
17
VDD1-CHB
Supply Voltage for Stage 1 LNA on Channel B.
20
VDD2-CHB
Supply Voltage for Stage 2 LNA on Channel B.
22
RXOUT-CHB
RF Output. This pin is the receiver path for Channel B.
24
BP-CHB
Bypass Second Stage LNA of Channel B.
26
PD-CHAB
Power-Down All Stages of LNA for Channel A and Channel B.
27
BP-CHA
Bypass Second Stage LNA of Channel A.
29
RXOUT-CHA
RF Output. This pin is the receiver path for Channel A.
31
VDD2-CHA
Supply Voltage for Stage 2 LNA on Channel A.
34
VDD1-CHA
Supply Voltage for Stage 1 LNA on Channel A.
39
TERM-CHA
Termination Output for Channel A. This pin is the transmitter path for Channel A.
EPAD
Exposed Pad. The exposed pad must be connected to RF or dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com